Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 17Page - STMicroelectronics AN2689 Datasheet HTML 18Page - STMicroelectronics AN2689 Datasheet HTML 19Page - STMicroelectronics AN2689 Datasheet HTML 20Page - STMicroelectronics AN2689 Datasheet HTML 21Page - STMicroelectronics AN2689 Datasheet HTML 22Page - STMicroelectronics AN2689 Datasheet HTML 23Page - STMicroelectronics AN2689 Datasheet HTML 24Page - STMicroelectronics AN2689 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
AN2689
Supply rail protection
Doc ID 14310 Rev 3
21/42
4
Supply rail protection
4.1
Protection topology
4.1.1
Clamping topology
For supply rail protection the recommended topology is the “clamping topology”.
Figure 25 shows a schematic of the supply rail protection topology.
Figure 25.
Supply rail protection using a Transil
The choice of the protection device depends on the surge that is applied. To illustrate the
possible device selection, two protection examples are given below.
4.2
Supply rail protection example 1: pulse 2 ISO 7637-2
Pulse 2 from ISO 7637-2 standard corresponds to a surge, which is produced by a sudden
interruption of current in a device connected in parallel with the Transil, due to inductance in
the wiring harness. The pulse is directly applied to the battery and is a positive pulse. See
Figure 26 for the pulse characteristics.
The typical parameters are:
●
Rise time (10-90%) - approximately 10 µs (tr)
●
Pulse width (10-90%) - typically 50 µs (td)
●
Pulse amplitudes from +37 V to +50 V (Vs)
●
Pulse repetition from 0.2 Hz to 5 Hz (F)
●
Output impedance 2
Module to protect
Vnom
Vmax
Transil
Vbat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com