Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 21Page - STMicroelectronics AN2689 Datasheet HTML 22Page - STMicroelectronics AN2689 Datasheet HTML 23Page - STMicroelectronics AN2689 Datasheet HTML 24Page - STMicroelectronics AN2689 Datasheet HTML 25Page - STMicroelectronics AN2689 Datasheet HTML 26Page - STMicroelectronics AN2689 Datasheet HTML 27Page - STMicroelectronics AN2689 Datasheet HTML 28Page - STMicroelectronics AN2689 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
AN2689
Supply rail protection
Doc ID 14310 Rev 3
25/42
where Rs is the serial resistor of the generator. In this case Rs = 2 
So the surge generator capacitor is C = 2.7 µF. Therefore, when considering the use of an
SM15T33AY, the current duration at Ip/2 is:
(tp is the current duration through the SM15T33AY measured between Ip and Ip/2)
It is now possible to compare this current duration with the curve given in Figure 31.
For a current duration of 4 µs, the peak pulse power the SM15T33AY can dissipate is
approximately 20 kW.
Figure 31.
Peak pulse power versus exponential pulse duration
In the same way as for the previous examples, a derating factor needs to be considered
regarding the ambient temperature. For 85 °C ambient temperature the derating is close to
70% (see Figure 32). So the maximum peak power the SM15T33AY can withstand for a 4
µs is instead 14 kW.
Figure 32.
Peak power dissipation versus initial junction temperature
()
tp
A
T
SM
2
ln
14
.
0
2
10
7
.
2
6
33
15
+
*
=
-
µs
tp
A
T
SM
4
33
15
=
0.1
1.0
10.0
100.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
P
(kW)
PP
t (ms)
p
0
500
1000
1500
2000
0
25
50
75
100
125
150
175
P (W)
PP
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com