Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2689 Datasheet HTML 1Page - STMicroelectronics AN2689 Datasheet HTML 2Page - STMicroelectronics AN2689 Datasheet HTML 3Page - STMicroelectronics AN2689 Datasheet HTML 4Page - STMicroelectronics AN2689 Datasheet HTML 5Page - STMicroelectronics AN2689 Datasheet HTML 6Page - STMicroelectronics AN2689 Datasheet HTML 7Page - STMicroelectronics AN2689 Datasheet HTML 8Page - STMicroelectronics AN2689 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
AN2689
Electrical hazards in the automotive environment
Doc ID 14310 Rev 3
5/42
Figure 2.
Electromagnetic radiation in the automotive environment
1.2
Propagation of electrical hazards
1.2.1
Propagation on the data lines
Transients that are generated on data lines are mainly ESD surges which are low energy but
very high dv/dt and can generate a very strong electromagnetic field. These mainly concern
ISO 10605 and IEC 61000-4-2 standards.
The data lines concerned are communication lines like media transfer lines, data buses,
sensor data lines and so on.
Figure 3 shows surge forms of hazards that can be found on data lines.
Figure 3.
Kinds of surges on data lines
Battery
Equipment
needing protection
ECU
Spark
plug
Ignition coil
ABS
CAR
RADIO
...
Nominal
V dataline
0V
±25 kV (1)
ISO 10605
±15 kV (1)
IEC 61000-4-2
±8 kV (2)
IEC 61000-4-2
±8 kV (2)
ISO 10605
(1): Air discharge
(2): Contact discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com