Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 20Page - STMicroelectronics AN2689 Datasheet HTML 21Page - STMicroelectronics AN2689 Datasheet HTML 22Page - STMicroelectronics AN2689 Datasheet HTML 23Page - STMicroelectronics AN2689 Datasheet HTML 24Page - STMicroelectronics AN2689 Datasheet HTML 25Page - STMicroelectronics AN2689 Datasheet HTML 26Page - STMicroelectronics AN2689 Datasheet HTML 27Page - STMicroelectronics AN2689 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Supply rail protection
AN2689
24/42
Doc ID 14310 Rev 3
Figure 30.
MT5510 output current in short circuit
In Figure 30 the current waveform shape corresponds to the pulse 2 of the ISO 7637-2
standard delivered by the SCHAFFNER NSG5500 generator when terminations are short
circuited.
As can be seen in Figure 30, the time constant is 5.4 µs duration when the generator
outputs are short circuited. When:
therefore
The current surge duration is below 20 µs. So, as explained previously when the duration is
below 20 µs, consider the Rd<20µs to be the same as Rd20µs
From the equations in Section 4.3 on page 23, VCL = 35.54 V and IPP = 7.22 A, which
means the residual over voltage will be consistent with the admissible maximum voltage of
the module to protect.
4.3.2
Power dissipation determination
On the other hand the peak power dissipation in the Transil is:
From the previous calculation in Section 3.3.2 on page 19, the current duration at Ip/2 that
will cross the Transil during the surge is given by the equation:
and the time constant is
t = 3.8 µs
Ipp = 23.5
At I = 0.5 Ipp, t = 0.7
then
= 5.4 µs
τ
τ
t
Ipp
i7
.
0
5
.
0=
→
=
τ
µs
4
.
5
7
.
0
8
.
3
=
⇒
=
τ
τ
µs
nom
µs
µs
Ipp
Vbr
Vcl
Rd
20
20
20
-
=
Rd20 µs = 0.143
Ω
W
Ppp
Ipp
Vcl
Ppp
256
*=
⇒
=
() 2
ln
'Rd
Rs
C
t+
=
RsC
=
τ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com