Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 3Page - STMicroelectronics AN4213 Datasheet HTML 4Page - STMicroelectronics AN4213 Datasheet HTML 5Page - STMicroelectronics AN4213 Datasheet HTML 6Page - STMicroelectronics AN4213 Datasheet HTML 7Page - STMicroelectronics AN4213 Datasheet HTML 8Page - STMicroelectronics AN4213 Datasheet HTML 9Page - STMicroelectronics AN4213 Datasheet HTML 10Page - STMicroelectronics AN4213 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DocID023984 Rev 2
7/42
AN4213
PFC section
Figure 3. Boost converter circuit
The boost converter can operate in two modes: discontinuous conduction mode (DCM) and
continuous conduction mode (CCM).
Discontinuous conduction mode is when the Power MOSFET of the boost converter is
turned on when the inductor current reaches zero after a dead time and turned off when the
inductor current meets the input reference voltage. In this way, the input current waveform
follows the input voltage one, therefore obtaining a power factor close to 1. DCM is suitable
for power levels of 300 W or less. DCM uses larger cores and has higher I²R and skin-effect
losses due to the larger inductor current swing. With the increased swing a larger input filter
is also required. On the positive side, since in the discontinuous mode the Power MOSFET
switches on when the inductor current is at zero, there is no reverse-recovery current (IRR)
specification required on the boost diode. This means that less expensive diodes can be
used.
Continuous conduction mode (CCM) is when the current in the energy transfer inductor
never reaches zero during the switching cycle. The Power MOSFET starts conducting when
the current through itself is not zero. Continuous conduction mode (CCM) is suitable for high
power ratings (>300 W). The voltage swing is less than in DCM resulting in lower I²R losses
and the lower ripple current results in lower inductor core losses. Less voltage swing also
reduces EMI and allows for a smaller input filter to be used. Unfortunately, since the Power
MOSFET is not being turned on when the current of the inductor is at zero, a very fast
reverse-recovery diode is required to keep losses to a minimum.
Transition conduction mode which is typically used in lighting applications represents a good
cost-benefit compromise. In the transition mode approach, the switch-on time is held
constant during the line cycle and the switch is turned on when the inductor current falls to
zero, so that the converter operates at the boundary between continuous and discontinuous
conduction mode. In this way, the freewheeling diode is turned off softly (no recovery losses)
and the switch is turned on at zero current, so the commutation losses are reduced. Besides
the simplicity and the few external parts required, this system minimizes the inductor size
due to the low inductance value needed. On the other hand, the high current ripple on the
inductor involves high RMS current and high noise on the rectified main bus, which needs a
heavier EMI filter to be rejected. These drawbacks limit the use of the TM PFC in a lower
power range (typically below 200 W).
AM17317v1
AC
Controller
IL
L
Cin
Q
IQ
ID
Ic
Co
Io



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com