Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 21Page - STMicroelectronics AN4213 Datasheet HTML 22Page - STMicroelectronics AN4213 Datasheet HTML 23Page - STMicroelectronics AN4213 Datasheet HTML 24Page - STMicroelectronics AN4213 Datasheet HTML 25Page - STMicroelectronics AN4213 Datasheet HTML 26Page - STMicroelectronics AN4213 Datasheet HTML 27Page - STMicroelectronics AN4213 Datasheet HTML 28Page - STMicroelectronics AN4213 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
DocID023984 Rev 2
25/42
AN4213
DC/AC converter and lamp
At startup when the PTC is cold, it can be considered as a short-circuit, the circuit operating
frequency is determined by C’res and Lres (we can neglect Cres). During the preheating the
current flows through the PTC and C’res heats both the cathodes and the PTC at the same
time. The value of C’res must be chosen in order to avoid high voltage on the lamp and
consequent switch-on. When the PTC is hot (end of preheating) its resistance increases
until it can be considered as an open circuit. In this case the current flows through the series
formed by C’’res and C’res. Therefore the equivalent capacitance across the lamp becomes
lower than the initial value, increasing the capacitive reactance and allowing the tube
ignition. We can summarize the turn-on sequence in three phases: preheating, ignition and
normal lamp operation. The preheating of the lamp filaments is achieved by a high switching
frequency f
PRE
, to ensure that a current flows in the filaments without lamp ignition. In fact
the initial voltage applied across the lamp is below the strike potential. The duration of the
preheating period t
PRE
is set by the capacitor C’res together with Lres. The choice of this
time is strictly dependent on the lamp type. The ignition sequence begins after t
PRE
. During
the ignition phase, the frequency shifts from f
MAX
to f
MIN
(that is the normal operation
frequency) in a period TSH. The voltage across the lamp increases causing the ignition. At
the end of the ignition time the frequency reaches the normal operation value, f
MIN
, and the
lamp is in run mode (as shown in
Figure 14).
Figure 14. Lamp output voltage timing diagram
The following figures indicate the preheating, ignition and run mode phases, respectively.
AM17328v1
time
Vlamp
Vph
Vign
Ignition Ramp
Vrun
Preheat
fmax
Frequency
Ignition Phase
Run
Ignition
fmin
Tpre
Tsh
Trun
fmin
Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com