Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4213 Datasheet HTML 1Page - STMicroelectronics AN4213 Datasheet HTML 2Page - STMicroelectronics AN4213 Datasheet HTML 3Page - STMicroelectronics AN4213 Datasheet HTML 4Page - STMicroelectronics AN4213 Datasheet HTML 5Page - STMicroelectronics AN4213 Datasheet HTML 6Page - STMicroelectronics AN4213 Datasheet HTML 7Page - STMicroelectronics AN4213 Datasheet HTML 8Page - STMicroelectronics AN4213 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
List of figures
AN4213
4/42
DocID023984 Rev 2
List of figures
Figure 1.
STEVAL-ILB010V1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Boost converter circuit
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
Inductor current waveform and Power MOSFET timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
PFC electrical schematic
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 6.
Pin 1, 2: Feedback network implementation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 7.
Sense resistor
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 8.
Multiplier setting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 9.
ZCD resistor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 10.
Optimum Power MOSFET turn-on . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 11.
Boost PFC section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 12.
DC/AC converter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 13.
Preheating circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 14.
Lamp output voltage timing diagram
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 15.
Lamp output voltage during preheating phase
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 16.
Lamp output voltage during ignition phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 17.
Lamp output voltage during run-mode phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 18.
Driving network optimization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 19.
Turn-off detail with R
g
=220
Ω, speed off diode and C
sn
= 47 pF @ 230 V
AC . . . . . . . . . . . . . . . 29
Figure 20.
Turn-off detail with R
g
=220
Ω, speed off diode and C
sn
=100 pF @ 230 V
AC . . . . . . . . . . . . . . 29
Figure 21.
Turn-on detail with R
g
= 220
Ω, speed off diode and C
sn
= 47 pF @ 230 V
AC . . . . . . . . . . . . . . 29
Figure 22.
Turn-on detail with R
g
= 220
Ω, speed off diode and C
sn
= 100 pF @ 230 V
AC . . . . . . . . . . . . . 29
Figure 23.
Turn-off detail with R
g
=47
Ω, no speed off diode and C
sn
= 47 pF @ 230 V
AC . . . . . . . . . . . . 30
Figure 24.
Turn-off detail with R
g
= 47
Ω, no speed off diode and C
sn
= 100 pF @ 230 V
AC . . . . . . . . . . 30
Figure 25.
Turn-on detail with R
g
= 47
Ω, no speed off diode and C
sn
= 47 pF @ 230 V
AC . . . . . . . . . . . 30
Figure 26.
Turn-on detail with R
g
= 47
Ω, no speed off diode and C
sn
= 100 pF @ 230 V
AC . . . . . . . . . . 30
Figure 27.
STL13N60M2 during steady-state operation in half-bridge section @ 230 V
AC
. . . . . . . . . 32
Figure 28.
STL13N60M2 during turn-off in half-bridge section @230V
AC
(detail) . . . . . . . . . . . . . . . . 32
Figure 29.
STL13N60M2 during turn-on in half-bridge section @230V
AC
(detail) . . . . . . . . . . . . . . . . 33
Figure 30.
Electrical schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 31.
Bottom layout layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 32.
Top layout layer
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 33.
Silkscreen top
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 34.
Silkscreen bottom . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com