Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 9Page - STMicroelectronics AN4213 Datasheet HTML 10Page - STMicroelectronics AN4213 Datasheet HTML 11Page - STMicroelectronics AN4213 Datasheet HTML 12Page - STMicroelectronics AN4213 Datasheet HTML 13Page - STMicroelectronics AN4213 Datasheet HTML 14Page - STMicroelectronics AN4213 Datasheet HTML 15Page - STMicroelectronics AN4213 Datasheet HTML 16Page - STMicroelectronics AN4213 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DocID023984 Rev 2
13/42
AN4213
Designing a TM PFC
The switching frequency is minimum at the top of the sinusoid
and it is maximum at the zero-crossing of the line voltage (
ϑ
=0,
π
= sin
ϑ
=0) where
t
off
= 0 μs.
The absolute minimum frequency f
SWmin
can occur at either the maximum V
ACmax
or the
minimum mains voltage V
ACmin
, so the inductor value is calculated by the formula:
Equation 18
where V
AC
can be either V
ACmin
or V
ACmax
, whichever gives the lower value for L.
The values of the inductor at low mains and at high mains, respectively L(V
ACmax
) and
L(V
ACmin
) are given by following equations:
Equation 19
Equation 20
At this point the minimum value has to be taken into account. It becomes the maximum
inductance value for PFC dimensioning.
For this application a 0.5 mH boost inductance has been selected.
3.3.5
Power MOSFET selection
The main switch selection is driven by the amount of allowable power dissipation. It is
important to choose a device that minimizes gate charge and capacitance and minimizes
the sum of switching and conduction losses at a given frequency.
The breakdown voltage is fixed just by the output voltage, plus the allowable overvoltage
and a safety margin.
The conduction losses are given by:
Equation 21
=
=
1
sin
2
ϑ
π
ϑ
()
()
2
*
2
*
2
AC
OUT
AC
AC
V
V
V
V
L
−
=
()
() ()
()
mH
V
L
V
P
f
V
V
V
V
L
AC
OUT
IN
SW
AC
OUT
AC
AC
36
.
1
400
*
129
*
10
*
35
*
2
185
*
2
400
*
185
*
*
*
2
*
2
*
3
2
max
min
min
2
min
max
=
−
=
−
=
()
() ()
()
mH
V
L
V
P
f
V
V
V
V
L
AC
OUT
IN
SW
AC
OUT
AC
AC
51
.
0
400
*
129
*
10
*
35
*
2
265
*
2
400
*
265
*
*
*
2
*
2
*
3
2
max
min
max
2
max
min
=
−
=
−
=
()
()2
*
AC
SWrms
DSon
COND
V
I
R
P
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com