Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 14Page - STMicroelectronics AN4213 Datasheet HTML 15Page - STMicroelectronics AN4213 Datasheet HTML 16Page - STMicroelectronics AN4213 Datasheet HTML 17Page - STMicroelectronics AN4213 Datasheet HTML 18Page - STMicroelectronics AN4213 Datasheet HTML 19Page - STMicroelectronics AN4213 Datasheet HTML 20Page - STMicroelectronics AN4213 Datasheet HTML 21Page - STMicroelectronics AN4213 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Designing a TM PFC
AN4213
18/42
DocID023984 Rev 2
Pin 3 (MULT): main input to the multiplier.
Figure 8. Multiplier setting
This pin is connected to the rectified mains voltage via a resistor divider and provides the
sinusoidal reference to the current loop.
The multiplier can be described by the relationship:
Equation 31
Where:
•
V
CS
(multiplier output) is the reference for the current sense
•
K = 0.38 (typ) is the multiplier gain
•
V
COMP
is the voltage on pin 2
•
V
MULT
is the voltage on pin 3
First, the maximum peak value for V
MULT
max is selected. This value has to be selected in
the range from 0 up to 3 V. Typically, it should be less than 3 V in case of single mains
Equation 32
where 1.1 V is the multiplier maximum slope which is given in the datasheet.
AM17322v1
Vin(Vac)
RMULTH
RMULTL
INV
1
COMP
2
3
MULT
4
CS
ZCD
GND
GD
VCC
5
6
7
8
L6562A
()
MULT
COMP
CS
V
V
V
K
V
∗
−
=
5
.
2
V
V
V
R
I
V
AC
AC
S
Lpk
MULTpk
21
.
1
185
265
1
.
1
47
.
0
99
.
1
1
.
1
min
max
max
=
∗
∗
=
∗
∗
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com