Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 7Page - STMicroelectronics AN4213 Datasheet HTML 8Page - STMicroelectronics AN4213 Datasheet HTML 9Page - STMicroelectronics AN4213 Datasheet HTML 10Page - STMicroelectronics AN4213 Datasheet HTML 11Page - STMicroelectronics AN4213 Datasheet HTML 12Page - STMicroelectronics AN4213 Datasheet HTML 13Page - STMicroelectronics AN4213 Datasheet HTML 14Page - STMicroelectronics AN4213 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DocID023984 Rev 2
11/42
AN4213
Designing a TM PFC
•
RMS diode current:
Equation 9
3.3
Power section design
3.3.1
Bridge rectifier
The input rectifier bridge can use standard, slow-recovery, low-cost devices. Typically a
600 V device is selected in order to have a good margin against mains surges.
Equation 10
Equation 11
The power dissipated on the bridge is calculated using
Equation 12:
Equation 12
where R
DIODE
and V
th
are given in the technical datasheet.
3.3.2
Input capacitor
The input capacitor has to attenuate the switching noise due to the high-frequency inductor
current ripple. The worst condition happens on the peak of the minimum rated input voltage
(V
INmin
=185 V).
The maximum high-frequency voltage ripple across C
IN
is usually imposed between 5% and
20% of the minimum rated input voltage.
This is expressed by a coefficient r (from 0.05 to 0.2) as an input design parameter.
•
Ripple voltage coefficient (%):
r = 0.2
Taking into account a minimum half-bridge switching frequency of 35 kHz and an output
power of 116 W, the input capacitor can be determined by the following equation.
Equation 13
A
V
V
I
I
OUT
AC
Lpk
DRMS
59
.
0
*
9
2
4
min
=
=
π
A
I
I
IN
INRMS
49
.
0
2
*
2
=
=
A
I
I
IN
avg
IN
31
.
0
*
2
=
=
−
π
avg
IN
TH
INRMS
DIODE
BRIDGE
I
V
I
R
P
−
+
=
*
*
4
*
*
4
2
min
min
*
*
*
2
AC
SW
IN
IN
V
r
f
I
C
π
=
F
C
IN
μ
086
.
0
185
*
2
.
0
*
35
*
14
.
3
*
2
7
.
0
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com