Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 12Page - STMicroelectronics AN4213 Datasheet HTML 13Page - STMicroelectronics AN4213 Datasheet HTML 14Page - STMicroelectronics AN4213 Datasheet HTML 15Page - STMicroelectronics AN4213 Datasheet HTML 16Page - STMicroelectronics AN4213 Datasheet HTML 17Page - STMicroelectronics AN4213 Datasheet HTML 18Page - STMicroelectronics AN4213 Datasheet HTML 19Page - STMicroelectronics AN4213 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Designing a TM PFC
AN4213
16/42
DocID023984 Rev 2
Pin 1, 2: feedback network implementation
Figure 6. Pin 1, 2: Feedback network implementation
Pin 1 (INV): Inverting input of the error amplifier. The information on the output voltage of
the PFC pre-regulator is fed into this pin through a resistor divider (R
OUTH
and R
OUTL
). The
internal reference on the non-inverting input is 2.5 V (typ), while the DIS intervention
threshold is 27 μA. R
OUTH
and R
OUTL
are then selected as follows:
Equation 26
Equation 27
The commercial selected values are two resistors in series each 680 k
Ω for R
OUTH
and
R
OUTL
equal to 8.2 k
Ω.
Pin 2 (COMP): Output of the error amplifier. A compensation network is placed between this
pin and INV (pin 1) in order to achieve stability of the voltage control loop and ensure high
power factor and low THD. It has to be designed with a narrow bandwidth in order to avoid
that the system rejects the output voltage ripple that would bring high distortion of the input
current waveform. Setting a bandwidth (BW) from 20 to 30 Hz, C
COMP
(as shown in
Figure 6) can be calculated as follows:
Equation 28
AM17320v1
INV
1
COMP
2
3
MULT
4
CS
ZCD
GND
GD
VCC
5
6
7
8
L6562A
HV
ROUTH
ROUTL
Ω
=
Δ
=
k
A
V
R
OVP
OUTH
1480
27
μ
Ω
=
=
=
−
=
k
R
R
V
V
R
R
OUTH
OUTL
OUT
OUTL
OUTH
3
.
9
159
159
1
5
.
2
()
F
BW
IIR
R
C
OUTL
OUTH
COMP
μ
π
1
2
1
≅
∗
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com