Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 10Page - STMicroelectronics AN4213 Datasheet HTML 11Page - STMicroelectronics AN4213 Datasheet HTML 12Page - STMicroelectronics AN4213 Datasheet HTML 13Page - STMicroelectronics AN4213 Datasheet HTML 14Page - STMicroelectronics AN4213 Datasheet HTML 15Page - STMicroelectronics AN4213 Datasheet HTML 16Page - STMicroelectronics AN4213 Datasheet HTML 17Page - STMicroelectronics AN4213 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Designing a TM PFC
AN4213
14/42
DocID023984 Rev 2
where, as given in
Equation 8:
The switching losses in the Power MOSFET occur only at turn-off because of TM operation
and can be expressed by:
Equation 22
This equation represents the crossing between the Power MOSFET current that decreases
linearly during the fall time and the voltage on the Power MOSFET drain that increases. In
fact during the fall time the current of the boost inductor flows into the parasitic capacitance
of the Power MOSFET, charging it. For this reason switching losses depend on the total
drain capacitance.
At turn-on the losses are due to the discharge of the total drain capacitance inside the
Power MOSFET itself.
The capacitive losses are given by:
Equation 23
Where C
d
is the total drain capacitance and V
MOS
is the drain voltage at Power MOSFET
turn-on.
Based on the above considerations, the Power MOSFET device selected is the
STL13N60M2. This device is an N-channel Power MOSFET developed using a new
generation of MDmesh II Plus
TM
low Q
g
. This revolutionary Power MOSFET associates a
vertical structure to the company's strip layout to yield one of the world's lowest on-
resistance and gate charge. This choice is confirmed by the good electrical performance
and thermal behavior.
3.3.6
Boost diode selection
A fast-recovery boost diode is used. The value of its DC and RMS current (see
Equation 9),
useful for the calculation of the losses, are both:
Equation 24
The conduction losses can be estimated as follows:
Equation 25
Where, V
th
(threshold voltage) and R
d
(differential resistance) are parameters of the diode.
OUT
AC
Lpk
SWrms
V
V
I
I
min
*
9
2
4
6
1
π
−
=
()
()
Lrms
SW
g
Lrms
OUT
gd
AC
switch
I
f
I
I
V
Q
V
P
2
*
*
=
()
()
AC
SW
MOS
d
AC
CAP
V
f
V
C
V
P
*
*
2
1
2
=
A
I
I
OUT
D
29
.
0
=
=
2
*
*
DRMS
d
D
th
DON
I
R
I
V
P
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com