Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 34Page - STMicroelectronics AN4213 Datasheet HTML 35Page - STMicroelectronics AN4213 Datasheet HTML 36Page - STMicroelectronics AN4213 Datasheet HTML 37Page - STMicroelectronics AN4213 Datasheet HTML 38Page - STMicroelectronics AN4213 Datasheet HTML 39Page - STMicroelectronics AN4213 Datasheet HTML 40Page - STMicroelectronics AN4213 Datasheet HTML 41Page - STMicroelectronics AN4213 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Bill of material
AN4213
38/42
DocID023984 Rev 2
D6
1
1N4148
DO-35
D8/D9
2
Omitted
D12
1
LL4148
SMD 1406
D7
1
Zener 16 V
DO-41
PTC
2
600
Ω/120 °C
TDK/EPC B59884C0120A070
NTC
1
2.5
Ω
TDK/EPC B57236S0259M0
FUSE
1
1.6 A/250 V
Serie TR5
L1
1
2x10mH/1A
Magnetica: common mode inductor
code: 02106 class code:1045.0017
L2
1
500 μH/0.81A
Magnetica: PFC inductor
code: 06535 class code:2216.0001
L3/L4
2
1.5 mH/0.6A/2A pk
Magnetica: Ballast inductor
code: 07056 class code:1956.0007
Q1/Q2/Q3
3
STL13N60M2
N-channel 600 V, 0.39
Ω typ., 7 A MDmesh II
Plus™ low Qg Power MOSFET in a
PowerFLAT™ 5x6 HV package
U3
1
L6562A
ST PFC driver SO-8
U4
1
L6569
ST HB driver SO-8
Table 4. Board bill of material (continued)
Reference
Qty
Value/part number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com