Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 28Page - STMicroelectronics AN4213 Datasheet HTML 29Page - STMicroelectronics AN4213 Datasheet HTML 30Page - STMicroelectronics AN4213 Datasheet HTML 31Page - STMicroelectronics AN4213 Datasheet HTML 32Page - STMicroelectronics AN4213 Datasheet HTML 33Page - STMicroelectronics AN4213 Datasheet HTML 34Page - STMicroelectronics AN4213 Datasheet HTML 35Page - STMicroelectronics AN4213 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
DC/AC converter waveforms
AN4213
32/42
DocID023984 Rev 2
6
DC/AC converter waveforms
The figures below depict the waveforms during steady-state operation and turn-off and turn-
on detail related to the DC/AC converter stage which adopts a half-bridge voltage-fed
topology. The device is STL13N60M2 which works at ~57 kHz.
Figure 27. STL13N60M2 during steady-state operation in half-bridge section
@ 230 VAC
Figure 28. STL13N60M2 during turn-off in half-bridge section @230VAC (detail)
AM17341v1
Vds
Id
Vgs
AM17342v1
Vds
Id
Vgs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com