Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 27Page - STMicroelectronics AN4213 Datasheet HTML 28Page - STMicroelectronics AN4213 Datasheet HTML 29Page - STMicroelectronics AN4213 Datasheet HTML 30Page - STMicroelectronics AN4213 Datasheet HTML 31Page - STMicroelectronics AN4213 Datasheet HTML 32Page - STMicroelectronics AN4213 Datasheet HTML 33Page - STMicroelectronics AN4213 Datasheet HTML 34Page - STMicroelectronics AN4213 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
DocID023984 Rev 2
31/42
AN4213
Driving optimization
Here below is the summary table, in terms of dissipated energy during both turn-on and
turn-off detail.
As
Table 2 shows, the best compromise in terms of switching losses, is to have a smaller
snubber capacitor, C
sn
= 47 pF, in order to reduce the peak on the drain current during turn-
on (as shown in
Figure 21) and R
g
= 220
Ω with speed off diode in order to speed up the
device turn-off (as shown in
Figure 19.). In fact a greater R
g
provides a slower switch-on of
the Power MOSFET, reduces the snubber capacitor discharge, guaranteeing negligible
power losses during turn-on.
Table 2. Summary table of dissipation energy
Driving conditions
Eon (µJ)
Eoff (µJ)
Etot (µJ)
R
g
=220
Ω, speed off diode, C
sn
= 47 pF
1.27
6.39
7.66
R
g
=220
Ω, speed off diode, C
sn
= 100 pF
2.05
6.22
8.72
R
g
=220
Ω, no speed off diode, C
sn
= 47 pF
1.25
12.46
13.71
R
g
=220
Ω, no speed off diode, C
sn
= 100 pF
1.66
10.56
12.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com