Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 30Page - STMicroelectronics AN4213 Datasheet HTML 31Page - STMicroelectronics AN4213 Datasheet HTML 32Page - STMicroelectronics AN4213 Datasheet HTML 33Page - STMicroelectronics AN4213 Datasheet HTML 34Page - STMicroelectronics AN4213 Datasheet HTML 35Page - STMicroelectronics AN4213 Datasheet HTML 36Page - STMicroelectronics AN4213 Datasheet HTML 37Page - STMicroelectronics AN4213 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Experimental results
AN4213
34/42
DocID023984 Rev 2
7
Experimental results
The experimental results have been measured with different input voltages and leaving the
board exposed to room temperature (25 °C). The devices have been kept soldered on the
PCB. Temperature has been detected using an infrared thermal camera pointed on the
package of the devices. The test equipment used is provided below as well as the test
conditions:
•
Input voltage: 185 V
AC
- 230 V
AC
- 265 V
AC
•
Test equipment:
–
Agilent AC power source/analyzer 6813B
–
Flir system thermal camera
–
LeCroy 64Xi-A oscilloscope
–
LeCroy active current probe CP030
–
LeCroy active differential voltage probe ADP305
•
Ambient temperature: 25°C.
The table below shows electrical and thermal results obtained with both packages, DPAK
and PowerFLAT™ 5x6, at different input voltages.
Changing input voltage, the main electrical parameters of the PFC and THD suggest that
the application performances are very good. The temperatures of the two packages are not
so different and the devices work within safety conditions.
Table 3. Main electrical and thermal results @ 25 °C ambient temperature
Device
VIN(V)
lin(A)
Power
factor
THD (%)
Pin (W)
THB (°C)
TPFC
(°C)
STD13N60M2
(DPAK)
185
0.576
0.997
∼
7.5
106
70
64.2
STL13N60M2
(PowerFLAT™ 5x6)
0.569
0.997
∼
7.2
104.9
71.9
67
STD13N60M2
(DPAK)
230
0.465
0.995
∼
8.1
106.4
71
66.5
STL13N60M2
(PowerFLAT™ 5x6)
0.456
0.994
∼
8
104.4
72
69
STD13N60M2
(DPAK)
265
0.404
0.991
∼
9
106.3
71.8
70.4
STL13N60M2
(PowerFLAT™ 5x6)
0.395
0.99
∼
8.5
103.9
72.2
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com