Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 13Page - STMicroelectronics AN4213 Datasheet HTML 14Page - STMicroelectronics AN4213 Datasheet HTML 15Page - STMicroelectronics AN4213 Datasheet HTML 16Page - STMicroelectronics AN4213 Datasheet HTML 17Page - STMicroelectronics AN4213 Datasheet HTML 18Page - STMicroelectronics AN4213 Datasheet HTML 19Page - STMicroelectronics AN4213 Datasheet HTML 20Page - STMicroelectronics AN4213 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
DocID023984 Rev 2
17/42
AN4213
Designing a TM PFC
Pin 4 (CS): input to the PWM comparator
Figure 7. Sense resistor
The current flowing in the Power MOSFET is sensed through a resistor, the resulting voltage
is applied to this pin and compared with an internal sinusoidal-shaped reference, generated
by the multiplier, to determine Power MOSFET turn-off. The Power MOSFET stays in the
OFF-state until the PWM latch is reset by the ZCD signal.
The sense resistor value can be calculated as follows:
Equation 29
Where:
•
I
Lpk
is the maximum peak current in the inductor, equal to 1.99 A
•
V
CSmin
= 1 V is the minimum voltage allowed on the L6562A current sense (given in the
datasheet).
For this project the selected commercial value for R
S
is 0.47
Ω.
Using this value and considering the maximum voltage V
CSmax
= 1.16 V allowed on the
L6562A (as given in the datasheet), the maximum peak of the inductor current can be
calculated as follows:
Equation 30
The calculated I
Lpkx
is the saturation inductor current and it is used for calculating the
winding number of the inductor and its air gap.
AM17321v1
INV
1
COMP
2
3
MULT
4
CS
ZCD
GND
GD
VCC
5
6
7
8
L6562A
HV
Rsense
Ω
≤
≤
502
.
0
min
Lpk
CS
S
I
V
R
A
R
V
I
S
CS
Lpkx
5
.
2
max
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com