Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4213 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4213
Description  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 26Page - STMicroelectronics AN4213 Datasheet HTML 27Page - STMicroelectronics AN4213 Datasheet HTML 28Page - STMicroelectronics AN4213 Datasheet HTML 29Page - STMicroelectronics AN4213 Datasheet HTML 30Page - STMicroelectronics AN4213 Datasheet HTML 31Page - STMicroelectronics AN4213 Datasheet HTML 32Page - STMicroelectronics AN4213 Datasheet HTML 33Page - STMicroelectronics AN4213 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Driving optimization
AN4213
30/42
DocID023984 Rev 2
Figure 23. Turn-off detail with Rg =47 Ω, no
speed off diode and Csn = 47 pF @ 230 VAC
Figure 24. Turn-off detail with Rg = 47 Ω, no
speed off diode and Csn = 100 pF @ 230 VAC
Figure 25. Turn-on detail with Rg = 47 Ω, no
speed off diode and Csn = 47 pF @ 230 VAC
Figure 26. Turn-on detail with Rg = 47 Ω, no
speed off diode and Csn = 100 pF @ 230 VAC
AM17337v1
ss
d
d
V
V
d
d
II
ss
g
g
V
V
ff
ff
o
o
E
E
AM17338v1
ss
d
d
V
V
d
d
II
ss
g
g
V
V
ff
ff
o
o
E
E
AM17339v1
ss
d
d
V
V
d
d
II
ss
g
g
V
V
n
n
o
o
E
E
AM17340v1
ss
d
d
V
V
d
d
II
ss
g
g
V
V
n
n
o
o
E
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com