Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 5Page - STMicroelectronics UM0969 Datasheet HTML 6Page - STMicroelectronics UM0969 Datasheet HTML 7Page - STMicroelectronics UM0969 Datasheet HTML 8Page - STMicroelectronics UM0969 Datasheet HTML 9Page - STMicroelectronics UM0969 Datasheet HTML 10Page - STMicroelectronics UM0969 Datasheet HTML 11Page - STMicroelectronics UM0969 Datasheet HTML 12Page - STMicroelectronics UM0969 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
UM0969
Board description
Doc ID 17665 Rev 2
9/46
2
Board description
2.1
System architecture
A generic motor control system can be basically schematized as the combination of three
main blocks (see Figure 2):
●
Control block: the main task of this block is to accept user commands and board\motor
configuration parameters. The control block provides all digital signals to implement the
right motor driving strategy. The STM3210B-EVAL, ST demonstration board, based on
an STM32 microcontroller, can be connected to the STEVAL-IHM027V1 thanks to the
onboard motor control connector
●
Power block: this is based on three-phase inverter topology. The heart of the power
block is the STGIPS10K60A integrated intelligent power module which contains all the
necessary active components. Please refer to the STGIPS10K60A datasheet (see
References 1) for more information
●
Power supply block: able to work from 90 VAC to 220 VAC or from 125 VDC to 350
VDC. Please refer to Section 3: Hardware setting of the STEVAL-IHM027V1, to
properly set the jumpers according to the required application
Figure 2.
Motor control system architecture
The STEVAL-IHM027V1 includes the power supply and the power block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com