Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 23Page - STMicroelectronics UM0969 Datasheet HTML 24Page - STMicroelectronics UM0969 Datasheet HTML 25Page - STMicroelectronics UM0969 Datasheet HTML 26Page - STMicroelectronics UM0969 Datasheet HTML 27Page - STMicroelectronics UM0969 Datasheet HTML 28Page - STMicroelectronics UM0969 Datasheet HTML 29Page - STMicroelectronics UM0969 Datasheet HTML 30Page - STMicroelectronics UM0969 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
6
BOM list
A list of components used to build the demonstration board is shown in Table 9. The majority of the active components used are
available from STMicroelectronics.
Table 9.
BOM list
Reference
Value/part number
Package
Manufacturer
C1, C54
4.7 µF/10 V
Elyt. RM05mm
KEMET
C2,C5,C7,C14,C15,C16,C18,C37,
C47,C55
100 nF/50 V
SMD 1206
KEMET
C3,C6,C12
33 pF/10 V
SMD 1206
KEMET
C4,C8,C9,C10,C11,C13
10 pF/10 V
SMD 1206
KEMET
C17
2.2 nF/10 V
SMD 1206
KEMET
C19
470 pF/10 V
SMD 1206
KEMET
C20,C27
1000 µ/200 V
Elyt. RM30mm
KEMET
C21, C24,C29
100 µF-25 V
Elyt. RM 150mils
KEMET
C22
2.2 µF/25 V
Elyt. RM05mm
KEMET
C23, C28
220 nF/275 VAC X2
Polyester CK18
KEMET
C25,C30
1 µF/16 V
SMD 1206
KEMET
C26
47 nF/16 V
SMD 1206
KEMET
C31,C32,C33
10 nF/400 V
Polyester CK18
KEMET
C34,C35,C38,C39,C43,C44
2.2 µF/50 V
SMD 1206
KEMET
C36
470 nF/25 V
SMD 1206
KEMET
C41,C42,C45
10 nF/10 V
SMD 1206
KEMET
C46
4.7 nF/10 V
SMD 1206
KEMET
C48
220 nF/50 V
SMD 1206
KEMET
C49
100 pF/10 V
SMD 1206
KEMET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com