Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 38Page - STMicroelectronics UM0969 Datasheet HTML 39Page - STMicroelectronics UM0969 Datasheet HTML 40Page - STMicroelectronics UM0969 Datasheet HTML 41Page - STMicroelectronics UM0969 Datasheet HTML 42Page - STMicroelectronics UM0969 Datasheet HTML 43Page - STMicroelectronics UM0969 Datasheet HTML 44Page - STMicroelectronics UM0969 Datasheet HTML 45Page - STMicroelectronics UM0969 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Software requirements
UM0969
44/46
Doc ID 17665 Rev 2
13
Software requirements
To customize, compile, and download the STM32 FOC firmware library v2.0 motor control
firmware, the IAR tool “EWARM v5.30” must be installed. The free 32 kB limited version
(referenced as “IAR Kickstand Kit™” version) is available for download at
http://supp.iar.com/Download.
14
Conclusion
This document describes the 1 kW 3-phase motor control STEVAL-IHM027V1
demonstration board based on IPM as a universal fully-evaluated platform.
15
References
1.
STGIPS10K60A datasheet
2.
VIPer16 datasheet
3.
STGF10NC60KD datasheet
4.
UM0379
5.
UM0723



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com