Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 9Page - STMicroelectronics UM0969 Datasheet HTML 10Page - STMicroelectronics UM0969 Datasheet HTML 11Page - STMicroelectronics UM0969 Datasheet HTML 12Page - STMicroelectronics UM0969 Datasheet HTML 13Page - STMicroelectronics UM0969 Datasheet HTML 14Page - STMicroelectronics UM0969 Datasheet HTML 15Page - STMicroelectronics UM0969 Datasheet HTML 16Page - STMicroelectronics UM0969 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
UM0969
Board description
Doc ID 17665 Rev 2
13/46
The brake function can be also activated by the microcontroller thanks to the motor control
connector (connector J3, pin 23 PWM_BRAKE signal). The brake threshold levels can be
modified by calculating R83, R85, and R86 new values.
2.3.4
Overcurrent protection (OCP)
On the STEVAL-IHM027V1 a simple overcurrent HW protection has been implemented. The
three TSV994 outputs (pin 1, 7, 8) are the inputs for a discrete OR logic (realized with
diodes D6,D7,D8). OR logic output, the biggest op-amp output voltage, is compared to a
fixed threshold voltage (set by the R52-R49 voltage divider). When this threshold is passed,
transistor Q1 is switched on, setting the enable signals to 0 V (/G1/G2) of M74HC367 and
interrupting the PWM signal path, from the MCU to the STGIPS10K60A logic input. When
an OCP event occurs, the FAULT signal (connector J3, pin 1 FAULT signal) is also activated
to communicate with the MCU. The current protection limit value is also defined by the
current sensing amplifying network, described in the next paragraph, because its value must
be chosen according to the maximum amplifiable current without distortions. With the
chosen value, the STEVAL-IHM027V1 OC protection limit is set to 6 A.
The OCP can be disabled by moving the jumper W16 from position “A” to position “B”. It is
possible to reach a higher current value but the demonstration board does not protect itself
during an overcurrent event. This test must be carried out by skilled technical personnel
according to the common accident prevention rules.
2.3.5
Current sensing amplifying network
Three-shunt current reading configuration
Three-shunt current reading configuration details are shown in Figure 6. The alternating
signal on the shunt resistor, with positive and negative values, must be elaborated to be
compatible with the positive input of the microcontroller A/D converter.
Figure 6.
Three-shunt configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com