Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 33Page - STMicroelectronics UM0969 Datasheet HTML 34Page - STMicroelectronics UM0969 Datasheet HTML 35Page - STMicroelectronics UM0969 Datasheet HTML 36Page - STMicroelectronics UM0969 Datasheet HTML 37Page - STMicroelectronics UM0969 Datasheet HTML 38Page - STMicroelectronics UM0969 Datasheet HTML 39Page - STMicroelectronics UM0969 Datasheet HTML 40Page - STMicroelectronics UM0969 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
UM0969
Power losses and dissipation
Doc ID 17665 Rev 2
37/46
Equation 14
and ma is the PWM modulation index (defined as the peak phase voltage divided by the half
of dc link voltage). Finally, the integration of Equation 12 and Equation 13 gives:
Equation 15
It should be noted that the total IPM conduction losses are six times the calculated Pcon.
8.3
Switching loss
Switching losses can be divided into: turn-on power dissipation and turn-off power
dissipation. The dynamic performances of the IGBT are strictly related to many parameters
(voltage, current, temperature, etc.) so it is possible to make some assumptions to simplify
the calculations. If the output current is sinusoidal, it is true if the switching frequency is high
enough, also the switching power losses are sinusoidal:
Equation 16
where Eon_peak and Eoff_peak are the maximum value @ Tjmax and Icpeak.
Using Equation 16, the switching losses can be obtained as follows:
Equation 17
8.4
Thermal impedance overview
Semiconductor devices are very sensitive to junction temperature. This makes the thermal
performances analysis of the IPM a very important factor during the application
development stage. To start the analysis of the device's thermal behavior, the basic (and
[
] 2
/
)
cos(
ma
1
θ
+
=
ε
)
cos(
_
E
)
(
E
peak
on
on
φ
−
θ
=
θ
)
cos(
E
)
(
E
peak
_
off
off
φ
−
θ
=
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com