Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 24Page - STMicroelectronics UM0969 Datasheet HTML 25Page - STMicroelectronics UM0969 Datasheet HTML 26Page - STMicroelectronics UM0969 Datasheet HTML 27Page - STMicroelectronics UM0969 Datasheet HTML 28Page - STMicroelectronics UM0969 Datasheet HTML 29Page - STMicroelectronics UM0969 Datasheet HTML 30Page - STMicroelectronics UM0969 Datasheet HTML 31Page - STMicroelectronics UM0969 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
D1,D2,D3,D4,D5,D6,D7,D8,D16,D19
BAR43
SOT23
STMicroelectronics
D10
STTH1L06A
SMD 1206
STMicroelectronics
D18,D21
1N4148
DO35
Any
D11
KBU6M
Diode Bridge,250 VAC, 6 A
Any
D12
BZX84C18
MiniMelf
Any
D13
BZX85C16
MiniMelf
Any
D14
STTH1L06
DO-41
STMicroelectronics
D15
STTH108
DO-41
STMicroelectronics
D17,D20
BZX84C13V
MiniMelf
Any
F1,F2
Fuse holder
5x20 mm
Any
Fuse
6 A
20x5 mm
Any
IC2
L7805CP
TO220FP
STMicroelectronics
LD1
Green LED
Universal LED 3 mm, 2 mA
Any
LD2
Red LED
Universal LED 3 mm, 2 mA
Any
L1
47 µH
SMD CHOKE 0.5 A
MAGNETICA
L2
2.2 mH
SMD CHOKE 0.25 A
MAGNETICA
T1,Q1,Q2,Q5,Q7,Q8,Q9,Q10,Q11
2STR1230
SOT-23
STMicroelectronics
Q3,Q6
2STR2230
SOT-23
STMicroelectronics
Q4
STGF7NC60HD
TO220FP
STMicroelectronics
RT1
NTC 10
Ω
EPCOS B57364S100M
EPCOS
R1,R2,R3,R5,R8,R9,R10,R16,R26
4.7 k
Ω
SMD 1206
Any
R4,R7,R15,R18,R27,R28
560
Ω
SMD 1206
Any
R6,R11,R19,R20,R25,R29,R30,R87
1 k
Ω
SMD 1206
Any
R12,R13,R21,R22,R31,R32
2.7 k
Ω
SMD 1206
Any
R14
470
Ω
SMD 1206
Any
Table 9.
BOM list (continued)
Reference
Value/part number
Package
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com