Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 16Page - STMicroelectronics UM0969 Datasheet HTML 17Page - STMicroelectronics UM0969 Datasheet HTML 18Page - STMicroelectronics UM0969 Datasheet HTML 19Page - STMicroelectronics UM0969 Datasheet HTML 20Page - STMicroelectronics UM0969 Datasheet HTML 21Page - STMicroelectronics UM0969 Datasheet HTML 22Page - STMicroelectronics UM0969 Datasheet HTML 23Page - STMicroelectronics UM0969 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Hardware setting of the STEVAL-IHM027V1
UM0969
20/46
Doc ID 17665 Rev 2
3.3
Hardware settings for input stage
The input stage of the STEVAL-IHM027V1 can be configured according to user needs (see
Figure 9
). Please refer to Table 5 for detailed information.
Figure 9.
STEVAL-IHM027V1 input stage detail
Table 5.
Input stage configuration details
Description
Connections
Note
Voltage doubler
Connect J10 and J11
Maximum allowed DC voltage is 400 VDC
Input capacitors series connections
Connect J25-J13 and J12-J15
Default connections (max DC voltage
400 V)
Input capacitors parallel connections
Connect J23-J26 and J18-J14
Used to increase the input capacitance.
Need to change the input capacitors if an
increased voltage is required.(1)
1.
If used with default capacitors never exceed the maximum voltage of 200 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com