Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 15Page - STMicroelectronics UM0969 Datasheet HTML 16Page - STMicroelectronics UM0969 Datasheet HTML 17Page - STMicroelectronics UM0969 Datasheet HTML 18Page - STMicroelectronics UM0969 Datasheet HTML 19Page - STMicroelectronics UM0969 Datasheet HTML 20Page - STMicroelectronics UM0969 Datasheet HTML 21Page - STMicroelectronics UM0969 Datasheet HTML 22Page - STMicroelectronics UM0969 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
UM0969
Hardware setting of the STEVAL-IHM027V1
Doc ID 17665 Rev 2
19/46
3.2
Hardware settings with three-shunt configuration
To drive any high PMSM or AC induction motor, the user must ensure that:
●
The motor control demonstration board is driven by a control board that provides six
output signals required to drive the 3-phase power stage
●
The motor is connected to J2 motor output connector
●
If using an encoder or Hall sensor, connect it to J1
●
If using a tachometer sensor, connect it to J24
●
If using the brake control feature, connect a dummy load to J4
Table 4
shows jumper settings for any motors. Please be sure that input voltage (mains
voltage) of the demonstration board is: from 90 VAC to 220 VAC or from 125 VDC to 350
VDC.
W15
User defined
User defined
W16
User defined
User defined
Table 3.
Jumper settings for single-shunt configuration (continued)
Jumper
Settings for single-shunt configuration
HV PMSM motor
Generic AC motor with tachometer
Table 4.
Jumper settings for three-shunt configuration
Jumper
Settings for three-shunt configuration
HV PMSM motor
Generic AC motor with tachometer
W1
Present
Not present
W2
Present
Present
W3
Present
Not present
W4
A position for three-shunt
A position for three-shunt
W5
B position to supply Hall sensor\encoder
with +5 VCD
B position to supply Hall sensor\encoder
with +5 VCD
W6
Present
Present
W7
Present
Not present
W8
Not present
Present
W9
User defined
User defined
W10
User defined
User defined
W11
User defined
User defined
W12
A position for three-shunt
A position for three-shunt
W13
A position for three-shunt
A position for three-shunt
W14
User defined
User defined
W15
User defined
User defined
W16
User defined
User defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com