Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 27Page - STMicroelectronics UM0969 Datasheet HTML 28Page - STMicroelectronics UM0969 Datasheet HTML 29Page - STMicroelectronics UM0969 Datasheet HTML 30Page - STMicroelectronics UM0969 Datasheet HTML 31Page - STMicroelectronics UM0969 Datasheet HTML 32Page - STMicroelectronics UM0969 Datasheet HTML 33Page - STMicroelectronics UM0969 Datasheet HTML 34Page - STMicroelectronics UM0969 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
UM0969
PCB layout
Doc ID 17665 Rev 2
31/46
7
PCB layout
For this application a standard, double-layer, coppered PCB with a ~45 µm copper thickness
was selected. The PCB material is FR-4. The dimensions of the board are:
●
Length: 147 mm
●
Width: 157 mm
●
PCB thickness:1.55 mm
Figure 11.
Copper tracks - top side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com