Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 14Page - STMicroelectronics UM0969 Datasheet HTML 15Page - STMicroelectronics UM0969 Datasheet HTML 16Page - STMicroelectronics UM0969 Datasheet HTML 17Page - STMicroelectronics UM0969 Datasheet HTML 18Page - STMicroelectronics UM0969 Datasheet HTML 19Page - STMicroelectronics UM0969 Datasheet HTML 20Page - STMicroelectronics UM0969 Datasheet HTML 21Page - STMicroelectronics UM0969 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Hardware setting of the STEVAL-IHM027V1
UM0969
18/46
Doc ID 17665 Rev 2
3
Hardware setting of the STEVAL-IHM027V1
The STEVAL-IHM027V1 demonstration board can be driven through the J3 motor connector
by various control units released by STMicroelectronics. The demonstration board is
suitable for field oriented control as well as for tachometer or Hall sensor closed-loop
control. The STEVAL-IHM027V1 demonstration board ideally fits with the
STMicroelectronics' released STM3210B-EVAL board, based on the STM32 MCU family, as
the control unit for FOC driving algorithms.
3.1
Hardware settings with single-shunt configuration
To drive any high PMSM or AC induction motor, the user must ensure that:
●
The motor control demonstration board is driven by a control board that provides six
output signals required to drive the 3-phase power stage
●
The motor is connected to J2 motor output connector
●
If using an encoder or Hall sensor, connect it to J1
●
If using a tachometer sensor, connect it to J24
●
If using the brake control feature, connect a dummy load to J4
Table 3
shows jumper settings for any motors. Please be sure that the input voltage (mains
voltage) of the demonstration board is: from 90 VAC to 220 VAC or from 125 VDC to 350
VDC.
Table 3.
Jumper settings for single-shunt configuration
Jumper
Settings for single-shunt configuration
HV PMSM motor
Generic AC motor with tachometer
W1
Present
Not present
W2
Not present
Not present
W3
Present
Not present
W4
B position for single-shunt
B position for single-shunt
W5
B position to supply Hall sensor\encoder
with +5 VCD
B position to supply Hall sensor\encoder
with +5 VCD
W6
Not present
Not present
W7
Present
Not present
W8
Not present
Present
W9
User defined
User defined
W10
User defined
User defined
W11
User defined
User defined
W12
B position for single-shunt
B position for single-shunt
W13
B position for single-shunt
B position for single-shunt
W14
User defined
User defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com