Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 13Page - STMicroelectronics UM0969 Datasheet HTML 14Page - STMicroelectronics UM0969 Datasheet HTML 15Page - STMicroelectronics UM0969 Datasheet HTML 16Page - STMicroelectronics UM0969 Datasheet HTML 17Page - STMicroelectronics UM0969 Datasheet HTML 18Page - STMicroelectronics UM0969 Datasheet HTML 19Page - STMicroelectronics UM0969 Datasheet HTML 20Page - STMicroelectronics UM0969 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
UM0969
Board description
Doc ID 17665 Rev 2
17/46
The STEVAL-IHM027V1 includes a hardware OT protection that stops the PWM signal path
from the MCU to STGIPS10K60A logic input once the maximum allowable temperature is
passed. With the chosen value, the OT protection limit is set to 70 °C. Another suggested
scheme, generally adopted for temperature monitoring and protection, is shown in Figure 8.
The NTC voltage is directly monitored by the MCU and an additional comparator
enables/disables the board, according to the temperature thresholds.
Figure 8.
OT protection circuit
Table 2.
Internal IPM NTC details (see relevant section on the STGIPS10K60A
datasheet)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
R25
Resistance
TC = 25 °C
5
k
Ω
R125
Resistance
TC = 125 °C
300
Ω
B
B-constant
TC = 25 °C
3435
K
T
Operating temperature
-40
125
°C
P
Max. rating power (max power on free air)
400
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com