Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 35Page - STMicroelectronics UM0969 Datasheet HTML 36Page - STMicroelectronics UM0969 Datasheet HTML 37Page - STMicroelectronics UM0969 Datasheet HTML 38Page - STMicroelectronics UM0969 Datasheet HTML 39Page - STMicroelectronics UM0969 Datasheet HTML 40Page - STMicroelectronics UM0969 Datasheet HTML 41Page - STMicroelectronics UM0969 Datasheet HTML 42Page - STMicroelectronics UM0969 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
UM0969
Power losses and dissipation
Doc ID 17665 Rev 2
39/46
8.5
Temperature rise considerations and calculation example
According to the previous mathematical formula, it is possible to simulate (with an accurate
software tool) the STGIPS10K60A performances, under certain application conditions.
Figure 17
shows the results (IC(RMS) current - which is related to the output motor power vs.
fsw) of the power loss simulations.
Figure 17.
Maximum IC(RMS) current vs. switching frequency
●
Condition: VPN=300 V, VCC=VBS=15 V, VCE(sat)=typical, switching loss=typical,
Tj=125 °C, Tc=see graph, Rth(j-c) = max., ma=0.8, PF=0.6, 3-phase continuous PWM
modulation, 60 Hz sine waveform output.
Note:
The above characteristics may vary in the different control schemes and motor drive types.
R6
0.432
C6
1.20E-2
R7
0.0123
C7
0.149E-2
R8
0.448
C8
0.809E-3
R9
1.66
C9
0.120
Table 10.
RC - Cauer STGIPS10K60A thermal network (continued)
RC - Cauer STGIPS10K60A thermal network
R
Value [ºC/W]
C
Value [W*s/ºC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com