Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 10Page - STMicroelectronics UM0969 Datasheet HTML 11Page - STMicroelectronics UM0969 Datasheet HTML 12Page - STMicroelectronics UM0969 Datasheet HTML 13Page - STMicroelectronics UM0969 Datasheet HTML 14Page - STMicroelectronics UM0969 Datasheet HTML 15Page - STMicroelectronics UM0969 Datasheet HTML 16Page - STMicroelectronics UM0969 Datasheet HTML 17Page - STMicroelectronics UM0969 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Board description
UM0969
14/46
Doc ID 17665 Rev 2
Default values for the STEVAL-IHM027V1 are:
●
r = 1 k
Ω (R11, R25, R30)
●
R = 5.4 k
Ω (R12-13, R21-22, R31-32)
●
R1 = 560
Ω (R4, R15, R27)
●
R2 = 560
Ω (R7, R18, R28)
●
R3 = 4.7 k
Ω (R1, R16, R26)
The op amp is used in follower mode and its gain can be set by resistor r and R:
Equation 1
VOUT (op amp output voltage) can be calculated as a sum of two components:
●
VBIAS: due to network polarization
●
VSIGN: the signal component
Equation 2
VOUT maximum value is 3.3 V according to the MCU maximum input rating.
Equation 3
Equation 4
Equation 5
With the default values:
●
G = 6.4
●
VBIAS = 1.8 V
●
GTOT = 3
●
Maximum current amplifiable without distortion is 5 A
It is possible to modify the maximum current value by simply changing the resistor values.
r
r
R
G
+
=
BIAS
SIGN
OUT
V
V
V
+
=
G
3
R
3
R
1
2
R
1
1
R
1
5
V
BIAS
⋅
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
=
⋅
⋅
⋅
G
1
R
3
R
1
2
R
1
1
R
1
Rs
I
V
SIGN
⋅
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
⋅
=
⋅
⋅
⋅
1
R
3
R
1
2
R
1
1
R
1
G
I
Rs
V
G
SIGN
TOT
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
=
⋅
=
⋅
⋅
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com