Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0969 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0969
Description  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 17Page - STMicroelectronics UM0969 Datasheet HTML 18Page - STMicroelectronics UM0969 Datasheet HTML 19Page - STMicroelectronics UM0969 Datasheet HTML 20Page - STMicroelectronics UM0969 Datasheet HTML 21Page - STMicroelectronics UM0969 Datasheet HTML 22Page - STMicroelectronics UM0969 Datasheet HTML 23Page - STMicroelectronics UM0969 Datasheet HTML 24Page - STMicroelectronics UM0969 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
UM0969
Description of jumpers, test pins, and connectors
Doc ID 17665 Rev 2
21/46
4
Description of jumpers, test pins, and connectors
The following tables give a detailed description of the jumpers, test pins, and the pinout of
the connectors used. Table 6 gives a detailed description of the jumpers. Table 7 gives a
detailed description of the connectors while Table 8 describes all the test pins placed on the
board.
Table 6.
Jumpers description
Jumper
Selection
Description
W1
Present
Connects tachometer signal to measure phase A
Not present
Disconnects tachometer signal to measure phase A
W2
Present
Sets the gain of phase B current op. amplifier for three-shunt configuration
Not present
Sets the gain of phase B current op. amplifier for single-shunt configuration
W3
Present
Connects tachometer signal to measure phase B
Not present
Disconnects tachometer signal to measure phase B
W4
A position
Sets the gain of phase B current op. amplifier for three-shunt configuration
B position
Sets the gain of phase B current op. amplifier for single-shunt configuration
W5
A position
Supply hall sensor\encoder with Vdd_m
B position
Supply hall sensor\encoder with +5 VDC
W6
Present
Sets the gain of phase B current op. amplifier for three-shunt configuration
Not present
Sets the gain of phase B current op. amplifier for single-shunt configuration
W7
Present
Connects tachometer signal to measure phase C
Not present
Disconnects tachometer signal to measure phase C
W8
Present
Enable tachometer signal
Not present
Disable tachometer signal
W9
Present
Set Vdd_m to +5 VDC
Not present
Set Vdd_m as the same voltage of MCU
W10
Present
Supplies direct driving board through the J3 connector (max. current 50 mA)
Not present
Separated voltage
W11
Present
Set Vdd_m to +3.3 VDC
Not present
Set Vdd_m as the same voltage of MCU
W12
A position
Applies shunt resistor to C phase emitter leg
B position
Setting for single-shunt configuration
W13
A position
Applies shunt resistor to A phase emitter leg
B position
Setting for single-shunt configuration
W14
Present
“OTP” protection enabled
Not present
“OTP” protection disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com