Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 37 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 37 Page - NEC

Back Button UPD6708 Datasheet HTML 33Page - NEC UPD6708 Datasheet HTML 34Page - NEC UPD6708 Datasheet HTML 35Page - NEC UPD6708 Datasheet HTML 36Page - NEC UPD6708 Datasheet HTML 37Page - NEC UPD6708 Datasheet HTML 38Page - NEC UPD6708 Datasheet HTML 39Page - NEC UPD6708 Datasheet HTML 40Page - NEC UPD6708 Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
37
µPD6708
(2)
Command setting conditions
The reception disabled state must be set and RDB emptied before setting the GETSTA command.
Caution With the IEBus, the lock function is provided to enable communication to run over a number of frames.
However, if a locked unit goes down without being unlocked, the locked unit is unable to receive any
further data. To avoid this situation, in a system which uses the lock function it is necessary to execute
the GETSTA command periodically to monitor the lock status (a unit lock is released by executing INIT
command).
5.2.8
SETREV command (command code: 0111)
(1)
Functions
<1> Set reception enabled/disabled status
• When reception status code is 00H
: Set to reception disabled status.
In the reception disabled status, bit 1 of the slave status is ‘1’, the slave receive buffer becomes virtually empty
and no longer exists, and slave reception and broadcast reception are no longer performed.
• When reception status code is 01H
: Set to reception enabled status.
When the prescribed conditions are met, slave reception and broadcast reception are performed.
The reception enabled status is also set when a command other than SETREV is executed.
<2> This command clears WDB after reading the 1-byte command parameter (reception status code) from WDB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com