Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 17 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 17 Page - NEC

Back Button UPD6708 Datasheet HTML 13Page - NEC UPD6708 Datasheet HTML 14Page - NEC UPD6708 Datasheet HTML 15Page - NEC UPD6708 Datasheet HTML 16Page - NEC UPD6708 Datasheet HTML 17Page - NEC UPD6708 Datasheet HTML 18Page - NEC UPD6708 Datasheet HTML 19Page - NEC UPD6708 Datasheet HTML 20Page - NEC UPD6708 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
17
µPD6708
(1)
Reading slave status (SSR) (control bit: 0H, 6H)
The master unit can learn the reason why the slave unit has not returned the acknowledge bit (ACK) by reading the
slave status.
The slave status is determined by the results of the last communication performed by the slave unit.
All the slave units can provide slave status information.
The meanings of the slave status are shown in Table 2-5.
Figure 2-2. Bit Configuration of Slave Status (SSR)
Table 2-5. Meanings of Slave Status
Bit
Value
Meaning
Bit 0 Note 1
0
Slave transmit buffer empty
1
Slave transmit buffer is not empty.
Bit 1 Note 2
0
Slave receive buffer empty
1
Slave receive buffer is not empty.
Bit 2
0
Unit is not locked.
1
Unit is locked.
Bit 3
0
Fixed to ‘0’
Bit 4 Note 3
0
Slave transmission ends
1
Slave transmission enabled
Bit 5
0
Fixed to ‘0’
Bit 7
00
Mode 0
Indicates the highest mode the unit
Bit 6
01
Mode 1
supports Note 4.
10
Mode 2
11
For future expansion
Notes 1.
The slave transmit buffer is the buffer accessed during data read processing (control bits: 3H, 7H).
With the
µPD6708, this buffer corresponds to the write data buffer (WDB) when the SETSD command is valid
(see 5.2.6 “SETSD command”).
2.
The slave receive buffer is the buffer accessed during data write processing (control bits: 8H, AH, BH, EH, FH).
With the
µPD6708, this buffer corresponds to the read data buffer (RDB).
3.
The value of bit 4 can be selected by INIT command (see 5.2.1 “INIT command”).
4.
Because the
µPD6708 can support mode 2, bits 7 and 6 are fixed at ‘10’.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com