Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 1 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 1 Page - NEC

  UPD6708 Datasheet HTML 1Page - NEC UPD6708 Datasheet HTML 2Page - NEC UPD6708 Datasheet HTML 3Page - NEC UPD6708 Datasheet HTML 4Page - NEC UPD6708 Datasheet HTML 5Page - NEC UPD6708 Datasheet HTML 6Page - NEC UPD6708 Datasheet HTML 7Page - NEC UPD6708 Datasheet HTML 8Page - NEC UPD6708 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
©
MOS INTEGRATED CIRCUIT
µPD6708
IEBus
™ (Inter Equipment Bus™) PROTOCOL CONTROL LSI
Document No. U10680EJ2V0DS00 (2nd edition)
(Previous No. IC-3282)
Date Published January 1996 P
Printed in Japan
DATA SHEET
The information in this document is subject to change without notice.
The mark 5 shows major revised points.
DESCRIPTION
The
µPD6708 is a peripheral LSI for microcontrollers that controls the protocol of the IEBus.
This LSI processes the protocol of the IEBus. Because it is provided with a transmit/receive buffer, the microcontroller
can concentrate on the application processing of the IEBus. Because the
µPD6708 also contains an IEBus driver/receiver,
it can be directly connected to the bus.
FEATURES
• Protocol control of IEBus
• Multi-master system
• Broadcast communication function (commu-
nication between one unit and multiple units)
• Choice of three modes with different trans-
mission speeds
At 12 MHz
At 12.58 MHz
Mode 0
Approx. 3.9 Kbps
Approx. 4.1 Kbps
Mode 1
Approx. 17 Kbps
Approx. 18 Kbps
Mode 2
Approx. 26 Kbps
Approx. 27 Kbps
ORDERING INFORMATION
Part Number
Package
µPD6708CX
16-pin plastic DIP (300 mil)
µPD6708GS
16-pin plastic SOP (300 mil)
• On-chip IEBus driver/receiver
• Transmit/receive buffer
Transmit: 4-byte FIFO
Receive: 20-byte FIFO
• Interface with microcontroller
• Three-line serial I/O (SCK, SO, SI pins)
• Transfer with MSB first
• Oscillation frequency (fX): 12 MHz, 12.58 MHz
• In modes 0 and 1:
±1.5 %
• In mode 2:
±0.5 %
• Supply voltage: VDD = 5 V ±10 %
APPLICATION FIELD
Fields where a small-scale digital data transfer system is required between equipment, such as automobile electronic
systems and industrial equipment
1993


Similar Part No. - UPD6708

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6708 RENESAS-UPD6708 Datasheet
443Kb / 74P
MOS INTEGRATED CIRCUIT
1993
UPD6708CX RENESAS-UPD6708CX Datasheet
443Kb / 74P
MOS INTEGRATED CIRCUIT
1993
UPD6708GS RENESAS-UPD6708GS Datasheet
443Kb / 74P
MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD6708

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72042 NEC-UPD72042 Datasheet
373Kb / 92P
LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042A NEC-UPD72042A Datasheet
541Kb / 92P
LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
logo
Sanyo Semicon Device
LC8910 SANYO-LC8910 Datasheet
102Kb / 4P
Remote Control LSI
logo
NEC
UPD72042B NEC-UPD72042B Datasheet
362Kb / 90P
LSI DEVICE FOR Inter Equipment Bus (IEBus) PROTOCOL CONTROL
logo
Rohm
BU24024GU ROHM-BU24024GU Datasheet
177Kb / 5P
Lens control LSI
logo
Sanyo Semicon Device
LC898212XA SANYO-LC898212XA Datasheet
55Kb / 5P
AF Control LSI
logo
Renesas Technology Corp
PD72042B RENESAS-PD72042B_15 Datasheet
525Kb / 92P
LSI DEVICE FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
logo
ON Semiconductor
ENA2118A ONSEMI-ENA2118A Datasheet
58Kb / 5P
AF Control LSI
June, 2013
LC898229XI ONSEMI-LC898229XI Datasheet
156Kb / 7P
AF Control LSI
January, 2018 ??Rev. 0
LC898249XH ONSEMI-LC898249XH Datasheet
255Kb / 9P
AF Control LSI
March, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com