Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 21 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 21 Page - NEC

Back Button UPD6708 Datasheet HTML 17Page - NEC UPD6708 Datasheet HTML 18Page - NEC UPD6708 Datasheet HTML 19Page - NEC UPD6708 Datasheet HTML 20Page - NEC UPD6708 Datasheet HTML 21Page - NEC UPD6708 Datasheet HTML 22Page - NEC UPD6708 Datasheet HTML 23Page - NEC UPD6708 Datasheet HTML 24Page - NEC UPD6708 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
21
µPD6708
3.1
Data Link Layer Controller
The data link layer controller performs processing of the IEBus protocol data link layer (frame composition and resolution,
communication error detection, etc.), execution of communication control commands set by the host controller, and generate
a return code that informs the host controller of the communication status.
3.2
Physical Layer Controller
The physical controller performs generation and resolution of bit timing and also converts the signals between the bus
lines through the driver/receiver.
3.3
IEBus Driver/Receiver
The driver/receiver performs conversion between the logic signals within the
µPD6708 and the IEBus signals. The IEBus
signals and their relationship to the logic statuses are shown in Table 3-1.
Table 3-1. Relationship between IEBus Signals and Logical Statuses
3.4
Host Interface
The host Interface is a block which controls the transmission and reception of data to and from the host controller. It
accepts communication control commands, passes on return codes, and forwards transmit data.
The forwarding of transmit data takes place through the FIFO buffers, 4 bytes of write data buffer (WDB) and 20 bytes
of read data buffer (RDB). It also absorbs the differences between IEBus transmission speed and the transmission speed
on the serial interface between the
µPD6708 and the host controller.
Logical Status
IEBus Signals
0
(BUS+) – (BUS–)
≥ 120mV
1
(BUS+) – (BUS–)
≤ 20mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com