Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 18 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 18 Page - NEC

Back Button UPD6708 Datasheet HTML 14Page - NEC UPD6708 Datasheet HTML 15Page - NEC UPD6708 Datasheet HTML 16Page - NEC UPD6708 Datasheet HTML 17Page - NEC UPD6708 Datasheet HTML 18Page - NEC UPD6708 Datasheet HTML 19Page - NEC UPD6708 Datasheet HTML 20Page - NEC UPD6708 Datasheet HTML 21Page - NEC UPD6708 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
18
µPD6708
(2)
Transferring data command (control bit: read (3H, 7H), write (AH, BH, EH, FH))
During data read (3H, 7H), the data in the data buffer of the slave unit are read to the master unit.
During data write (BH, FH) or during command write (AH, EH), the data the slave unit has received are processed
according to the operation convention.
Remarks
1.
The user can voluntarily select data and command as his system requires.
2.
Control bits 3H, AH, and BH may be locked depending on the communication condition and status.
(3)
Reading lock address (control bits: 4H, 5H)
When the lock address is read processing (4H, 5H), the address (12 bits) of the master unit that has issued the lock
instruction is read in 1-byte units, as shown below.
Figure 2-3. Lock Address Configuration
(4)
Locking and unlocking (locking (3H, AH, BH), unlocking (6H))
The lock function is used to transfer a message over two or more frames.
A locked unit receives data only from the unit that has locked the unit.
Locking and unlocking are performed as described below.
<1> Locking
After the transmission/reception of the acknowledge bit ‘0’ of the message length field by the control bits (3H, AH,
BH) which specify the lock has ended, if the communication frame is completed without completing the transmission or
reception of the number of data bytes specified by the message length bits, the slave unit is locked by the master unit.
At this time, the bit (bit 2) relating to the locking of the byte which indicates the slave status is set to ‘1’.
<2> Unlocking
After completion of transmission or reception of data in one frame by the number of data bytes specified by the message
length bits with control bits (3H, AH, or BH) specifying locking or control bits (6H) specifying unlocking, the slave unit
is unlocked by the master unit. At this time, the bit (bit 2) relating to the locking of the byte which indicates the slave
status is reset to ‘0’.
Locking and unlocking are not performed in the case of broadcast communication.
Caution
To unlock the unit specified to be unlocked by the unit itself, the INIT command (see 5.2.1 “INIT
command”) must be executed with the
µPD6708 (Whether a unit is locked or not can be checked by using
the GETSA command (see 5.2.7 “GETSA command”).
5
MSB
LSB
Lower 8 Bits
Undefined
Higher 4 Bits
Control Bits : 4H
Control Bits : 5H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com