Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 8 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 8 Page - NEC

Back Button UPD6708 Datasheet HTML 4Page - NEC UPD6708 Datasheet HTML 5Page - NEC UPD6708 Datasheet HTML 6Page - NEC UPD6708 Datasheet HTML 7Page - NEC UPD6708 Datasheet HTML 8Page - NEC UPD6708 Datasheet HTML 9Page - NEC UPD6708 Datasheet HTML 10Page - NEC UPD6708 Datasheet HTML 11Page - NEC UPD6708 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
8
µPD6708
2.2.1 Bus mastership determination (arbitration)
When a unit connected to the IEBus controls another unit, it performs an operation to occupy the bus. This operation
is called arbitration.
Arbitration is to select one unit, and if several units begin to transmit data simultaneously, gives permission to occupy
the bus to that one unit.
So that one unit is granted the permission to occupy the bus as a result of the arbitration, the following priority conditions
are determined.
Remark
The units not given permission through arbitration are automatically allowed to get into retransfer mode (number
of retransfer times for the
µPD6708: 3).
(1)
Priority according to type of communication
Broadcast communication (between a single and multiple units) takes precedence over ordinary communication
(between single units).
(2)
Priority according to master address
If the communication devices are of the same type, the unit with the lowest master address has the highest priority.
Example
The master address comprises 12 bits, and unit 000H has the highest priority while unit FFFH has the lowest
priority.
2.2.2 Communication modes
The IEBus is provided with three communication modes with different transfer speeds. The transfer speed and maximum
number of transfer bytes in a single communication frame in each communication mode are shown in Table 2-1.
Table 2-1. Transfer Speed and Maximum Number of Transfer Bytes in Each Communication Mode
Communication Mode
Maximum Number of Transfer Bytes (bytes/frame)
Actual Transfer Speed Note 1 (Kbps)
fX = 12 MHz Note 2
fX = 12.58 MHz Note 2
0
16
Approx. 3.9
Approx. 4.1
1
32
Approx. 17
Approx. 18
2
128
Approx. 26
Approx. 27
Notes 1.
Actual transfer speed when the maximum number of bytes is transferred
2.
Oscillation frequency when the
µPD6708 is used
Cautions
1. A communication mode is selected for each unit connected to the IEBus before communication is
performed. If the communication mode of the master unit is not the same as that of the unit with
which the master unit is to communicate (slave unit), communication cannot be performed correctly.
2. If the oscillation frequency of one unit is fx = 12 MHz and that of the other unit is fx = 12.58 MHz,
communication cannot be performed correctly even if the communication mode is the same. Make
sure that the oscillation frequencies of the two units to communicate are the same.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com