Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 19 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 19 Page - NEC

Back Button UPD6708 Datasheet HTML 15Page - NEC UPD6708 Datasheet HTML 16Page - NEC UPD6708 Datasheet HTML 17Page - NEC UPD6708 Datasheet HTML 18Page - NEC UPD6708 Datasheet HTML 19Page - NEC UPD6708 Datasheet HTML 20Page - NEC UPD6708 Datasheet HTML 21Page - NEC UPD6708 Datasheet HTML 22Page - NEC UPD6708 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
19
µPD6708
2.5
Bit Format
The IEBus communication frame bit format (concept) is shown in Figure 2-4.
Figure 2-4. IEBus Bit Format (Concept)
Logic “1”: Potential difference between bus lines (BUS+ pin and BUS– pin) is 20 mV or lower (low level).
Logic “0”: Potential difference between bus lines (BUS+ pin and BUS– pin) is 120 mV or higher (high level).
Preparation period:
The first or subsequent low-level (logic “1”) period
Synchronous period: The next high-level (logic “0”) period
Data period:
The period that expresses the bit value (logic “1”: low level; logic “0”: high level)
The synchronous period and data period have approximately the same length.
The IEBus uses bit-by-bit synchronization. The specifications for the total bit time and the periods allocated to the bits
depend on the type of transfer bit, and on whether the unit is the master unit or the slave unit.
5
Preparation Period Synchronous Period
Data Period
Logic "1"
Logic "0"
Preparation Period Synchronous Period
Data Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com