Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 40 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 40 Page - NEC

Back Button UPD6708 Datasheet HTML 36Page - NEC UPD6708 Datasheet HTML 37Page - NEC UPD6708 Datasheet HTML 38Page - NEC UPD6708 Datasheet HTML 39Page - NEC UPD6708 Datasheet HTML 40Page - NEC UPD6708 Datasheet HTML 41Page - NEC UPD6708 Datasheet HTML 42Page - NEC UPD6708 Datasheet HTML 43Page - NEC UPD6708 Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
40
µPD6708
Table 6-4. Return Codes in Broadcast Reception
Return Code Name
Code
Description
Broadcast reception start
1100
This return code is generated when the slave unit correctly receives the
message length codes from the master unit, informing the host controller of
the start of slave reception.
Broadcast receive data full
1101
Each time 20 bytes (RDB capacity) of slave receive data is received, if RDB is
full, this return code makes a request to the host controller for a read of receive
data from RDB.
Broadcast reception normal
1110
Indicates that reception of the number of data bytes specified by the message
termination
length bits has ended within one frame.
Termination during broadcast
1111
Indicates that the communication has ended without completion of transmis-
reception
sion of the number of data bytes specified by the message length bits within
one frame.
6.5
Return Codes Generation Intervals
This section describes the generation order and the minimum generation interval for return codes generated each time
communication is performed,
Each time a new return code is generated, it is placed in STR without regard to STR read. For this reason, the host
controller must take account of the minimum return code generation interval in controlling the
µPD6708.
(1)
Master transmission
After execution of the MREQ1 or MREQ2 command, the order of generation of master transmission return codes is as
shown in Figure 6-1.
Figure 6-1. Return Code Generation Order in Master Transmission
The minimum generation intervals for return codes in master transmission are shown below.
Table 6-5. Minimum Generation Intervals for Return Codes in Master Transmission (
µs)
Time
Mode 0
Mode 1
Mode 2
T1
Approx. 6325
Approx. 1605
Approx. 1160
T2
Approx. 10
Approx. 10
Approx. 10
T3
Approx. 7290
Approx. 2050
Approx. 1550
Transmission Start
(Return Code : 0000)
Termination During
Transmission
(Return Code : 0011)
Transmission
Normal Termination
(Return Code : 0010)
Termination During
Transmission
(Return Code : 0011)
T3
T3
T3
New communication return codes
• Slave reception start
(Return code : 1000)
• Broadcast reception start
(Return code : 1100)
etc.
T1
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com