Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 64 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 64 Page - NEC

Back Button UPD6708 Datasheet HTML 60Page - NEC UPD6708 Datasheet HTML 61Page - NEC UPD6708 Datasheet HTML 62Page - NEC UPD6708 Datasheet HTML 63Page - NEC UPD6708 Datasheet HTML 64Page - NEC UPD6708 Datasheet HTML 65Page - NEC UPD6708 Datasheet HTML 66Page - NEC UPD6708 Datasheet HTML 67Page - NEC UPD6708 Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
64
µPD6708
Recommended Ceramic Resonator (12 MHz)
Recommended Crystal Resonator (12 MHz)
Manufacturer
Product Name
External Capacities [pF]
C1
C2
Murata Mfg.
CST12.0MT Note 1
––
––
CSA12.00MX241
30
30
Kyocera Corp.
KBR-12.0M Note 2
33
33
Manufacturer
Product Name
External Capacities [pF]
C1
C2
Kinseki, Ltd
HC-49/U
22
22
Recommended Ceramic Resonator (12.58 MHz)
Manufacturer
Product Name
External Capacities [pF]
C1
C2
Murata Mfg.
CSTCS12.5MTA 904 Note 1
––
––
TDK
FCR12.58M2S Note 1
33
33
Notes 1.
Can only be used when communication mode 0 or 1 is used (frequency accuracy:
±1.5 %).
2.
This is a custom product, and therefore the manufacturer should be contacted directly.
Caution The oscillation circuit constants and oscillation voltage range shown above indicate the condition under
which oscillation is stable and do not guarantee the oscillation frequency accuracy. If a high oscillation
frequency accuracy is required from the actual circuit, the resonator mounted to the actual circuit must
be adjusted. For details, directly consult the manufacturer of the resonator.
External Circuit
Caution Wire the dotted portion in the above figure as follows to prevent adverse influences of wiring capacitance
when using the system clock oscillation circuit.
• Keep the wiring length as short as possible.
• Do not cross the wiring with any other signal lines.
• Do not place the wiring in the vicinity of a line through which a high alternating current flows.
• Always keep the ground point of the capacitor of the oscillation circuit at the same potential as VSS.
• Do not ground the wiring to a ground pattern through which a high current flows.
• Do not extract signals from the oscillation circuit.
XI
XO GND
C1
C2
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com