Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 5 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 5 Page - NEC

  UPD6708 Datasheet HTML 1Page - NEC UPD6708 Datasheet HTML 2Page - NEC UPD6708 Datasheet HTML 3Page - NEC UPD6708 Datasheet HTML 4Page - NEC UPD6708 Datasheet HTML 5Page - NEC UPD6708 Datasheet HTML 6Page - NEC UPD6708 Datasheet HTML 7Page - NEC UPD6708 Datasheet HTML 8Page - NEC UPD6708 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
5
µPD6708
1.
PIN FUNCTIONS
1.1
List of Pin Functions
Pin No.
Pin Name
Input/Output
Function
I/O Format
At Reset
1
SCK
Input
Input for serial clock used to interface with microcontroller.
CMOS input
Input
2
SI
Input
Input for serial data used to interface with microcontroller.
CMOS input
Input
3
SO
Output
Output for serial data used to interface with microcontroller.
CMOS output
High level
4
IRQ
Output
Output used by interrupt request signals generated by
CMOS output
Low level
communication and command execution results.
Used as operation start request signal to microcontroller.
The interrupt request signal is output for 8
µs or longer
at high level.
5
R/W
Input
Input for switching serial interface read/write mode.
CMOS input
Input
When high, it is in the read mode. When low, it is in the
write mode.
When this pin is low and C/D pin high, the read and write
modes can be switched by commands input from the serial
interface.
6
XI
––
Connection pins for system clock resonator.
––
(Oscillation
7
XO
Use a 12- or 12.58-MHz crystal, or ceramic resonator.
continues)
Frequency precision depends on the communication mode
used.
Mode 0
:
±1.5 %
Mode 1
:
±1.5 %
Mode 2
:
±0.5 %
8
GND
––
Ground
––
––
9
BUS–
Input/output
Input/output for IEBus.
––
High
10
BUS+
impedance
11
AVDD
––
IEBus driver/receiver analog power supply. Connect to VDD.
––
––
12
C/D
Input
Input used to switch between processing data input to the
CMOS input
Input
serial interface as commands or data.
When set to high, data is processed as commands; when
low, data is processed as data.
When this pin is high and R/W pin low, the read and write
modes can be switched by commands input from the serial
interface.
13
CS
Input
Chip select input.
CMOS input
Input
When low, serial interface input is enabled.
When high, serial clock (SCK) input is disabled, SO pin
becomes high impedance, and the serial clock counter is
reset.
The status of CS pin is not affected by IEBus transmit and
receive operations.
14
RESET
Input
System reset signal input pin.
CMOS input
Input
Low input effects a reset.
Always input the low signal for 6
µs or longer after turning
on the power.
15
TEST
Input
Always connect this pin to the VDD.
CMOS input
––
16
VDD
––
Positive power supply input. Apply a voltage of 5 V
±10 %.
––
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com