Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 9 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 9 Page - NEC

Back Button UPD6708 Datasheet HTML 5Page - NEC UPD6708 Datasheet HTML 6Page - NEC UPD6708 Datasheet HTML 7Page - NEC UPD6708 Datasheet HTML 8Page - NEC UPD6708 Datasheet HTML 9Page - NEC UPD6708 Datasheet HTML 10Page - NEC UPD6708 Datasheet HTML 11Page - NEC UPD6708 Datasheet HTML 12Page - NEC UPD6708 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
9
µPD6708
2.2.3 Communication address
With the IEBus, a 12-bit communication address is assigned to each unit. The communication address is made up as
follows.
Higher 4 bits: Group number (number which identifies the group to which the unit belongs)
Lower 4 bits: Unit number (number which identifies a unit within a group)
2.2.4 Broadcast communication
In ordinary communication, there is only one master unit and one slave unit, and transmission or reception is performed
on an one-to-one basis. In broadcast communication, however, there are a number of slave units and the master unit
performs transmission with these slave units. Because there are several slave units, no acknowledge signals is returned
from the slave units during communication.
Whether broadcast communication or ordinary communication is performed is specified by the broadcast bit (for the
broadcast bit, see 2.3 (1) <2> “Broadcast bit”).
There are two kinds of broadcast communication, as follows.
(1) Group broadcast communication
Broadcast communication is performed to the units in a group whose group numbers are the same as that specified by
the higher 4 bits of the communication address.
(2) General broadcast communication
Broadcast communication is performed to all units irrespective of their group numbers.
Group broadcast communication or general broadcast communication is identified by the value of a salve address (for
the slave address, see 2.3 (3) “Slave address field”).
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com