Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 46 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 46 Page - NEC

Back Button UPD6708 Datasheet HTML 42Page - NEC UPD6708 Datasheet HTML 43Page - NEC UPD6708 Datasheet HTML 44Page - NEC UPD6708 Datasheet HTML 45Page - NEC UPD6708 Datasheet HTML 46Page - NEC UPD6708 Datasheet HTML 47Page - NEC UPD6708 Datasheet HTML 48Page - NEC UPD6708 Datasheet HTML 49Page - NEC UPD6708 Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
46
µPD6708
Table 7-3. Placing Receive Data in RDB
Parameter/
Areas where RDB is read
Time (
µs) Note
Communication Data
Mode 0
Mode 1
Mode 2
Slave address
When ACK bit is transmitted in message length field
00
0
Control bits
Message length bits
Receive data (first byte)
When first ACK bit is transmitted in data field
Approx. 1580
Approx. 400
Approx. 290
Receive data (second byte)
When second ACK bit is transmitted in data field
Approx. 3160
Approx. 800
Approx. 580
Receive data (N-th byte)
When N-th ACK bit is transmitted in data field
Approx. 1580
× N Approx. 400 × N Approx. 290 × N
Note
Minimum time after the “master reception start” return code is placed in STR and an interrupt request is generated.
7.4
Slave Reception
If a slave unit receives AH, BH, EH, or FH as control bits from the master unit and receive data or a command, the following
will occur.
(1)
When the slave unit returns an acknowledge in the message length field, the master address, control bits and message
length bits are placed in RDB as shown in Figure 7-5, a “ slave reception start” return code (8H) is placed in STR, and
an interrupt request is generated.
Figure 7-5. Data Exchange During Slave Reception (Contents of RDB)
(2)
Each time one byte of receive data is received, it is placed in RDB.
(3)
Each time 20 bytes (RDB capacity) of receive data are received, if RDB is full, a “slave receive buffer full” return code
(9H) is placed in STR, and an interrupt request is generated.
(4)
After the final data of one frame is placed in RDB, a “slave reception normal termination” return code (AH) is placed
in STR and an interrupt request is generated.
(5)
If a communication error occurs during reception and communication stops without receiving all of the data transmitted
from the master unit, a “termination during slave reception” return code (BH) is placed in STR and an interrupt request
is generated.
The areas where the
µPD6708 places receive data, etc., in RDB are shown below.
Master Address (12 Bits)
First Byte
Second Byte
Third Byte
Fourth Byte Onward
RDB
Message Length Bits
Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com