Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 23 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 23 Page - NEC

Back Button UPD6708 Datasheet HTML 19Page - NEC UPD6708 Datasheet HTML 20Page - NEC UPD6708 Datasheet HTML 21Page - NEC UPD6708 Datasheet HTML 22Page - NEC UPD6708 Datasheet HTML 23Page - NEC UPD6708 Datasheet HTML 24Page - NEC UPD6708 Datasheet HTML 25Page - NEC UPD6708 Datasheet HTML 26Page - NEC UPD6708 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
23
µPD6708
4.1.4
Status register (STR)
STR is an 8-bit register used to determine the status of the
µPD6708.
The statuses of WDB and RDB and the status of interrupts can be read from higher 4 bits. The return code, which indicates
the result of the communication, can be read from lower 4 bits.
Table 4-2. Contents of Status Register
Bit
Value
Meaning
Description
Bit 7
1
WDB is full
Indicates whether data can be written to WDB
0
WDB is not full
Bit 6
1
RDB is empty
Indicates whether data can be read from RDB
0
RDB is not empty
Bit 5
1
WDB is empty
Indicates whether data is in WDB
0
WDB is not empty
Bit 4
1
Interrupt requested
Indicates whether interrupt servicing is being requested (Bit 4 of the status
0
Interrupt not requested
register is reset by STR by the host controller)
Bit 3 to
Return code
Return code will be read
Bit 0
4.2
Host Interface Modes
The host controller can access WDB, RDB, CMR, and STR within the
µPD6708 via the serial interface (SCK, SI, SO).
There are four modes for accessing the serial interface, as shown in the Table 4-3.
There are two method for switching among these four host interface modes: by using C/D pin and R/W pin, and by writing
data to CMR (software control).
Table 4-3. Host Interface Mode
Mode
Operation
Data write mode
Data input to SI pin is written to WDB from MSB at the rising edge of the serial clock input to SCK pin.
Data setting is completed at the eighth serial clock cycle.
Data read mode
RDB data is output from MSB to SO pin at the falling edge of the serial clock input to SCK pin. A data
read is completed by inputting eight serial clock cycles. Data at SI pin is ignored.
Command write mode
Data input to SI pin is written to CMR from MSB at rising edge of the serial clock input to SCK pin. Data
setting is completed at the eight serial clock cycle.
Status read mode
STR data is output from MSB to SO pin at the falling edge of the serial clock input to SCK pin. A data
read is completed by inputting eight serial clock cycles. Data at SI pin is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com