Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708 Datasheet(PDF) 12 Page - NEC

Part # UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6708 Datasheet(HTML) 12 Page - NEC

Back Button UPD6708 Datasheet HTML 8Page - NEC UPD6708 Datasheet HTML 9Page - NEC UPD6708 Datasheet HTML 10Page - NEC UPD6708 Datasheet HTML 11Page - NEC UPD6708 Datasheet HTML 12Page - NEC UPD6708 Datasheet HTML 13Page - NEC UPD6708 Datasheet HTML 14Page - NEC UPD6708 Datasheet HTML 15Page - NEC UPD6708 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
12
µPD6708
(4)
Control field
The control field indicates the type of data and the transfer direction of the subsequent data field.
The control field consists of 4 control bits, a parity bit, and an acknowledge bit.
The control bits are output from the MSB.
A parity bit is output after the control bits. When the parity is even and the slave can execute the function requested
by the master unit, the slave unit outputs an acknowledge signal, and then outputs the next message length field. If the
slave unit cannot execute the function requested by the master unit even if the parity is even, or if the parity is odd, the slave
unit does not output the acknowledge signal but returns to the standby (monitor) state.
After the master unit has confirmed the acknowledge signal, it starts outputting the next message length field.
If the master unit is cannot confirm the acknowledge signal, it enters the standby state and stops communication. In
the case of broadcast communication, however, the master unit starts outputting the message length field without confirming
the acknowledge signal.
For the functions of the control bits, see Table 2-3.
(5)
Message length field
The message length field is used to specify the number of communication data bytes.
The message length field comprises 8 message length bits, a parity bit and, an acknowledge bit.
The message length bits are output from the MSB. The message length bits indicate the number of communication data
bytes as shown in Table 2-2.
Table 2-2. Meaning of Message Length Bits
Message Length Bits (hex)
Number of Transmission Data Bytes
01H
1 byte
02H
2 bytes
::
::
FFH
255 bytes
00H
256 bytes
Remark
In the communication mode, if the number of bytes exceeding the maximum number of transfer bytes per frame
is set, two or more frames are communicated. In this case, the message length bits indicate the number of
remaining communication data bytes during the second communication and onward.
The operation of this field differs depending on whether the master transmits (bit 3 of control bits is 1) or receives (bit
3 of control bits is 0) data.
<1> When master transmits data
The message length bits and parity bit are output by the master unit. The slave unit outputs the acknowledge signal
and then the next data field if it detects that the parity is even. The slave unit does not output the acknowledge signal
in the case of broadcast communication.
If the parity is odd, the slave unit assumes that the message length bits have not been received correctly, and returns
to the standby (monitor) state without outputting the acknowledge signal. In this case, the master unit also returns to
the standby state, and communication ceases.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com