Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 65 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 61Page - STMicroelectronics AN3128 Datasheet HTML 62Page - STMicroelectronics AN3128 Datasheet HTML 63Page - STMicroelectronics AN3128 Datasheet HTML 64Page - STMicroelectronics AN3128 Datasheet HTML 65Page - STMicroelectronics AN3128 Datasheet HTML 66Page - STMicroelectronics AN3128 Datasheet HTML 67Page - STMicroelectronics AN3128 Datasheet HTML 68Page - STMicroelectronics AN3128 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
65/105
4.2.26
BTN_HW_Parameters_TypeDef type
/* Object type */
typedef struct
/* It contains the Hardware Parameter for the Push Button (i.e.
Port, Pin) */
{
GL_uint8_t
BTN_PortSource;
GL_uint16_t
BTN_PinSource;
GL_uint8_t
BTN_Exti_IrqChannel;
GL_uint32_t
BTN_Exti_Line;
GL_PortType *
BTN_Port
GL_uint16_t
BTN_Pin
GL_PortType *
BUTTON_Port;
GL_uint16_t
BUTTON_Pin;
}BTN_HW_Parameters_TypeDef;
4.3
Graphic object API properties
4.3.1
Graphics controls:: properties
Below are some DEFINES that are useful for some of the graphic object parameters.
#define MAX_CTRL_X_PAGE 30 /* Defines the Max number of graphic objects per page */
#define MAX_NAME_LENGTH 22 /* Defines the Max name length for graphic objects */
#define MAX_LABEL_LENGTH 46 /* Defines the Max length for Label (Label objects) */
#define MAX_BUTTON_LABEL_LENGTH 16 /*Defines the Max Label length of Button objects*/
#define MAX_CHECKBOX_LABEL_LENGTH 25 /* Defines the Max Label length for Checkbox */
#define MAX_RADIO_OPTION_LABEL_LENGTH 12 /* Defines the Max Label length of
RadioButton */
#define MAX_RADIO_OPTIONS 3 /* Defines the Max options number of RadioButton group */
#define MAX_COMBO_OPTIONS 10 /* Defines the Max values number of ComboBox objects */
#define MAX_COMBO_LABEL_LENGTH 16 /* Defines the Max Label length for the ComboBox */
#define MAX_SWITCH_LABEL_LENGTH 12 /* Defines the Max Label length for the Switch */
#define MAX_SLIDE_LABEL_LENGTH 16 /* Defines the Max Label length for the Slidebar */
#define MAX_HIST_LABEL_LENGTH 7
/* Defines the Max Label length for the Histogram */
#define MAX_GRAPH_LABEL_LENGTH 7 /* Defines the Max Label length for the GraphChart */
#define MAX_HIST_POINTS 50 /* Defines the Max number of points for the Histogram */
#define MAX_GRAPH_POINTS 100 /* Defines the Max number of points for the GraphChart */
4.3.2
Graphic Object:: PagesList array
The GraphicObject.h library file exports the following public property:
extern GL_Page_TypeDef* PagesList[];
PagesList contains the array of page pointers created statically by the application. This
object has been left as public for utility means.
4.3.3
LCD:: pLcdParam API properties
LcdHal.c exports the following public structure variable:
LCD_HW_Parameters_TypeDef * pLcdParam; /* LCD Hardware Parameters Structure */
pLcdParam hardware properties allow the final application to set the hardware
communication parameter (Bus GPIO port, GPIO pins).
●
LCD_Ctrl_Port_NCS is the GPIO port that contains the GPIO pin which the LCD
control pin is connected to
●
LCD_Gpio_Data_Port is the GPIO port dedicated to data transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com