Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 19Page - STMicroelectronics AN3128 Datasheet HTML 20Page - STMicroelectronics AN3128 Datasheet HTML 21Page - STMicroelectronics AN3128 Datasheet HTML 22Page - STMicroelectronics AN3128 Datasheet HTML 23Page - STMicroelectronics AN3128 Datasheet HTML 24Page - STMicroelectronics AN3128 Datasheet HTML 25Page - STMicroelectronics AN3128 Datasheet HTML 26Page - STMicroelectronics AN3128 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
23/105
4.1.1
NewLabel API global function
Table 6 describes the NewLabel function:
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a Label Object and add it with specified coordinates to a
Page Object */
GL_PageControls_TypeDef* pageLabel = NewLabel("pageLabel","Graphic Library",
GL_HORIZONTAL, GL_FONT_BIG, GL_Blue);
AddPageControlObj((uint16_t)((LCD_Width/11)*9),(uint8_t)(LCD_Height/11),pageLabel,
&page1);
Once a Label Object instance is created using the NewLabel function, the Label Object itself
provides all its features through its internal function pointers.
Figure 14, 15, 16, show, in detail, the Label Object properties and methods which the final
application can use to interact with.
Table 6.
NewLabel API function
Name
Description
Function name
NewLabel
Function prototype
GL_PageControls_TypeDef* NewLabel (char* oName, char* Label,
GL_Direction_direction, GL vu8 FontSize, GL vuint16_t color)
Behavior description
Create and initialize a new Label Object (a C structure)
Input parameter {x}
oName: object name
Label: text on a Label Object
Direction: the direction to follow printing the Label
FontSize: the size of the font: FONT_BIG or FONT_SMALL
Color: color of the Label text
Output parameter {x}
None
Return value
The created object pointer or null if the object cannot be created
Required preconditions
None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com