Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 13Page - STMicroelectronics AN3128 Datasheet HTML 14Page - STMicroelectronics AN3128 Datasheet HTML 15Page - STMicroelectronics AN3128 Datasheet HTML 16Page - STMicroelectronics AN3128 Datasheet HTML 17Page - STMicroelectronics AN3128 Datasheet HTML 18Page - STMicroelectronics AN3128 Datasheet HTML 19Page - STMicroelectronics AN3128 Datasheet HTML 20Page - STMicroelectronics AN3128 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 105 page
background image
AN3128
Multi-input embedded GUI library
Doc ID 16918 Rev 5
17/105
–
TscHal.c: HAL layer file; contains all the touchscreen management function
declarations whose implementation depends on the TSC controller used by the
application. The user only needs to change these functions implementations in
order to re-use this code with other TSC controllers.
–
touchscreen.c: contains all the function declarations for the touchscreen firmware
driver.
Embedded_GUI_Library contains all files and subdirectories that makes the graphic objects
core:
●
inc: sub-folder contains the firmware library header files
–
cursor.h: contains all the function prototypes and basic structure for the cursor
pointer (arrow header).
–
gl_fonts.h: contains all the LCD fonts size definition exported declarations.
–
GraphicObject.h: API layer file; contains all the function prototypes for the graphic
objects; the API functions are declared in this file.
–
GraphicObjectTypes.h: API layer file; contains all the defined types used by
GraphicObject.c file and related to the graphic objects structures; and the
structure parameters for the LCD, touchscreen, joystick and push button.
–
images.h: contains all the Hex dumps of the various images used by the
application.
●
src: sub-folder contains the firmware library source files.
–
cursor.c: API layer file; contains the exported public API (application programming
interface) and the related private internal functions for the cursor pointer (arrow
header). No direct reference to the hardware and micro firmware library occurs in
this file.
–
gl_fonts.c: contains all the LCD font size definitions.
–
GraphicObject.c: API layer file; contains the entire exported public API (application
programming interface) and the related private internal functions for the graphic
objects and touchscreen calibration; no direct reference to the hardware and
microcontroller firmware library occurs in this file.
–
images.c: contains all the Hex dumps of the various images used by the library
application.
STM32F10x_StdPeriph_Driver, STM32L1xx_StdPeriph_Driver and
STM32F2xx_StdPeriph_Driver sub-folders contain respectively the STM32F10xxxV3.5.0,
STM32L1xxV1.0.0 and STM32F2xxV1.0.0 firmware library files. If the final user wants to
use another microcontroller library version, he can replace the updated library folder and
check the HAL types and the microcontroller library function calls inside the HAL layer files
(TscHal.c, TscHal.h, JoyHal.h, JoyHal.c, LcdHal.c, LcdHal.h).
CMSIS sub-folder contains the STM32F10xxx, STM32L1xx and STM32F2xx CMSIS files:
device peripheral access layer and core peripheral access layer.
The “Project” folder contains all the subdirectories and files that make up the library
demonstration.
●
Embedded_GUI_Example sub-folder contains the STM32F10xxx Graphic library
demonstration:
–
inc: sub-folder contains the graphic library demonstration header files
–
src: sub-folder contains the graphic library demonstration header source files
–
EWARM sub-folder contains the IAR EWARM workspace and project files
–
RIDE sub-folder contains the Raisonance Ride workspace and project files



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com