Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3128 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 23Page - STMicroelectronics AN3128 Datasheet HTML 24Page - STMicroelectronics AN3128 Datasheet HTML 25Page - STMicroelectronics AN3128 Datasheet HTML 26Page - STMicroelectronics AN3128 Datasheet HTML 27Page - STMicroelectronics AN3128 Datasheet HTML 28Page - STMicroelectronics AN3128 Datasheet HTML 29Page - STMicroelectronics AN3128 Datasheet HTML 30Page - STMicroelectronics AN3128 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
27/105
4.1.5
NewIcon API global function
This object allows the user to show an arbitrary image on the LCD, stored in the Flash
memory of the MCU, and associate the press event of the image itself through the
touchscreen or the joystick.
Table 10 describes the NewIcon function:
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declare and initiate a Icon Object and add it with specified coordinates to a Page
Object */
GL_PageControls_TypeDef* MyIcon = NewIcon ("MyIcon", NULL, 90, 90, NullFunc);
AddPageControlObj( (uint16_t)((LCD_Width/2)+45),(uint8_t)((LCD_Height/2)+45),MyIcon,
&page1 );
Once an icon object instance is created using the icon function, the icon object itself
provides all its features through its internal function pointers.
Figure 14, 15, 16, show, in detail, the icon object properties and methods which the final
application can use to interact with.
Table 10.
NewIcon API function
Name
Description
Function name
NewIcon
Function prototype
GL_PageControls_TypeDef* NewIcon (char* oName, GL_uint8_t*
Image_PTR, GL_uint16_t Width, GL_uint8_t Height, void*
(*pEventHandler)(void))
Behavior description
Create and initialize a new icon object (a C structure)
Input parameter {x}
oName: object name
Image_PTR: icon image pointer
Width: image width
Height: image height
pEventHandler: pointer to function associated to its touch event
Output parameter {x}
None
Return value
The created object pointer or null if the object cannot be created
Required preconditions
None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com